Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISD5008ZD Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ISD5008ZD
Description  SINGLE CHIP VOICE RECORD PLAYBACK DEVICE 4-, 5-, 6-, AND 8- MINUTE DURATIONS
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ISD5008ZD Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ISD5008ZD Datasheet HTML 6Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 7Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 8Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 9Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 10Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 11Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 12Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 13Page - List of Unclassifed Manufacturers ISD5008ZD Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 47 page
background image
ISD5008 Product
7
ISD
Figure 4:
ISD5008 Series TSOP and PDIP/SOIC Pinouts
3
INTERNAL FUNCTIONAL BLOCKS
Figure 5:
Microphone Amplifier
28-PIN TSOP
ISD5008
PDIP/SOIC
ISD5008
Microphone
(300 mVp-p Max)
MIC+
MIC–
ACAP
FTHRU
AGC
1 (AGPD)
6 dB
To AutoMute
(Playback Only)
*
* Differential Path
AGPD
0
Power Up
1
Power Down
15
14
13
12
11
10
98765432
10
VLS1
VLS0
VOL2
VOL1
VOL0
S1S1
S1S0
S1M1
S1M0
S2M1
S2M0
FLS0
FLD1
FLD0
FLPD
AGPD
CFG1
AGC


Similar Part No. - ISD5008ZD

ManufacturerPart #DatasheetDescription
logo
Winbond
ISD5008 WINBOND-ISD5008 Datasheet
242Kb / 7P
   Demonstration Board
logo
Nuvoton Technology Corp...
ISD5008 NUVOTON-ISD5008 Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008EYI NUVOTON-ISD5008EYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008PYI NUVOTON-ISD5008PYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
ISD5008SYI NUVOTON-ISD5008SYI Datasheet
1Mb / 54P
   3V, SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE 4- TO 8-MINUTES DURATION
More results

Similar Description - ISD5008ZD

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISD4003 ETC-ISD4003 Datasheet
2Mb / 30P
   Single-Chip Voice Record/Playback Devices 4-, 5-, 6-, and 8-Minute Durations
logo
Winbond
ISD4004 WINBOND-ISD4004 Datasheet
980Kb / 28P
   Single-Chip Voice Record/Playback Devices 8-, 10-, 12-, and 16-Minute Durations
logo
List of Unclassifed Man...
ISD33120 ETC1-ISD33120 Datasheet
1Mb / 30P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICES 2-, 2.5-, 3-, AND 4-MINUTE DURATIONS
ISD4000 ETC1-ISD4000 Datasheet
317Kb / 2P
   Single-Chip Voice Record/Playback Devices 2- to 16-Minute Durations
logo
Nuvoton Technology Corp...
ISD4003 NUVOTON-ISD4003 Datasheet
1,005Kb / 36P
   SINGLE-CHIP, MULTIPLE-MESSAGES VOICE RECORD/PLAYBACK DEVICES 4-, 5-, 6-, AND 8-MINUTE DURATION
logo
Winbond
ISD1810 WINBOND-ISD1810 Datasheet
278Kb / 18P
   Single-Chip, Single-Message Voice Record/Playback Device 8- to 16-Second Durations
logo
Generalplus Technology ...
GPCR06C GENERALPLUS-GPCR06C Datasheet
401Kb / 14P
   SINGLE-CHIP VOICE RECORD/PLAYBACK DEVICE
logo
List of Unclassifed Man...
ISD1000A ETC-ISD1000A Datasheet
402Kb / 20P
   Single-Chip Voice Record/Playback Devices 16- and 20-Second Durations
ISD1400 ETC-ISD1400 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 16-and 20-Second Durations
ISD1200 ETC-ISD1200 Datasheet
1Mb / 25P
   Single-Chip Voice Record/Playback Devices 10- and 12-Second Durations
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com