Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14049UBDR2G Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14049UBDR2G
Description  Hex Buffers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14049UBDR2G Datasheet(HTML) 4 Page - ON Semiconductor

  MC14049UBDR2G Datasheet HTML 1Page - ON Semiconductor MC14049UBDR2G Datasheet HTML 2Page - ON Semiconductor MC14049UBDR2G Datasheet HTML 3Page - ON Semiconductor MC14049UBDR2G Datasheet HTML 4Page - ON Semiconductor MC14049UBDR2G Datasheet HTML 5Page - ON Semiconductor MC14049UBDR2G Datasheet HTML 6Page - ON Semiconductor MC14049UBDR2G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14049UB
http://onsemi.com
4
Figure 5. Typical Output Source Characteristics
Figure 6. Typical Output Sink Characteristics
VDD
VSS
1
8
IOH
VOH
VDS = VOH - VDD
VDD
VSS
1
8
IOL
VOL
VDD = VOL
-50
-40
-30
-20
-10
0
-10
-8.0
-6.0
-4.0
-2.0
0
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VGS = 5.0 Vdc
VGS = 10 Vdc
MAXIMUM CURRENT LEVEL
VGS = 15 Vdc
160
120
80
40
0
0
2.0
4.0
6.0
8.0
10
VDS, DRAIN-TO-SOURCE VOLTAGE (Vdc)
VGS = 15 Vdc
VGS = 10 Vdc
MAXIMUM CURRENT LEVEL
VGS = 5.0 Vdc
Figure 7. Ambient Temperature Power Derating
1200
1100
1000
900
825
800
740
700
600
500
400
300
200
100
0
175
150
125
100
75
50
25
TA, AMBIENT TEMPERATURE (°C)
175 mW (P)
120 mW (D)
(P) PDIP
(D) SOIC
PULSE
GENERATOR
VDD
VSS
8
1
CL
Vout
Vin
20 ns
20 ns
VDD
VSS
VOH
VOL
90%
50%
10%
90%
50%
10%
tPLH
tTLH
tTHL
tPHL
OUTPUT
INPUT
Figure 8. Switching Time Test Circuit
and Waveforms


Similar Part No. - MC14049UBDR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14049UBDR2G ONSEMI-MC14049UBDR2G Datasheet
113Kb / 8P
   W Semiconductor Components Industries, LLC, 2004
December, 2004 ??Rev. 6
MC14049UBDR2G ONSEMI-MC14049UBDR2G Datasheet
155Kb / 8P
   Hex Buffers
May, 2013 ??Rev. 8
MC14049UBDR2G ONSEMI-MC14049UBDR2G Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
MC14049UBDR2G ONSEMI-MC14049UBDR2G Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
More results

Similar Description - MC14049UBDR2G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GD74HCT34 ETC1-GD74HCT34 Datasheet
169Kb / 4P
   HEX BUFFERS
logo
ON Semiconductor
MC14049UB ONSEMI-MC14049UB_V01 Datasheet
201Kb / 7P
   Hex Buffers
March, 2022 ??Rev. 11
logo
National Semiconductor ...
CD4009M NSC-CD4009M Datasheet
87Kb / 3P
   Hex Buffers
logo
Estek Electronics Co. L...
IW4049B ESTEK-IW4049B Datasheet
134Kb / 5P
   hex buffers
logo
List of Unclassifed Man...
MC14009 ETC-MC14009 Datasheet
278Kb / 5P
   HEX BUFFERS
logo
ON Semiconductor
NLV14049UBDR2G ONSEMI-NLV14049UBDR2G Datasheet
155Kb / 8P
   Hex Buffers
May, 2013 ??Rev. 8
MC14049UB ONSEMI-MC14049UB Datasheet
205Kb / 8P
   Hex Buffers
March, 2000 ??Rev. 3
MC14049UB ONSEMI-MC14049UB_17 Datasheet
106Kb / 7P
   Hex Buffers
June, 2017 ??Rev. 10
logo
NXP Semiconductors
HEF4049B PHILIPS-HEF4049B_15 Datasheet
141Kb / 12P
   Hex inverting buffers
Rev. 9-18 November 2011
logo
Nexperia B.V. All right...
HEF4049B-Q100 NEXPERIA-HEF4049B-Q100 Datasheet
725Kb / 11P
   Hex inverting buffers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com