Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9534DWT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9534DWT
Description  Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9534DWT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9534DWT Datasheet HTML 2Page - Texas Instruments TCA9534DWT Datasheet HTML 3Page - Texas Instruments TCA9534DWT Datasheet HTML 4Page - Texas Instruments TCA9534DWT Datasheet HTML 5Page - Texas Instruments TCA9534DWT Datasheet HTML 6Page - Texas Instruments TCA9534DWT Datasheet HTML 7Page - Texas Instruments TCA9534DWT Datasheet HTML 8Page - Texas Instruments TCA9534DWT Datasheet HTML 9Page - Texas Instruments TCA9534DWT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
6
TCA9534
SCPS197B – SEPTEMBER 2014 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TCA9534
Submit Documentation Feedback
Copyright © 2014–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
ICC
Operating mode
VI = VCC or GND, IO = 0,
I/O = inputs, fSCL = 400 kHz, no load
5.5 V
22
40
µA
3.6 V
11
30
2.7 V
8
19
1.95 V
5
11
Standby mode
VI = VCC or GND, IO = 0,
I/O = inputs,
fSCL = 0 kHz, no load
VI = VCC
5.5 V
1.5
3.9
3.6 V
0.9
2.2
2.7 V
0.6
1.8
1.95 V
0.4
1.5
VI = GND
5.5 V
1.5
8.7
3.6 V
0.9
4
2.7 V
0.6
3
1.95 V
0.4
2.2
Ci
SCL
VI = VCC or GND
1.65 V to 5.5 V
3
8
pF
Cio
SDA
VIO = VCC or GND
1.65 V to 5.5 V
3
9.5
pF
P port
3.7
9.5
6.6 I
2C Interface Timing Requirements
over operating free-air temperature range (unless otherwise noted) (see Figure 19)
MIN
MAX
UNIT
STANDARD MODE
fscl
I2C clock frequency
0
100
kHz
tsch
I2C clock high time
4
µs
tscl
I2C clock low time
4.7
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
250
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
1000
ns
ticf
I2C input fall time
300
ns
tocf
I2C output fall time
10-pF to 400-pF bus
300
ns
tbuf
I2C bus free time between Stop and Start
4.7
µs
tsts
I2C Start or repeated Start condition setup
4.7
µs
tsth
I2C Start or repeated Start condition hold
4
µs
tsps
I2C Stop condition setup
4
µs
tvd(data)
Valid data time
SCL low to SDA output valid
3.45
µs
tvd(ack)
Valid data time of ACK condition
ACK signal from SCL low to
SDA (out) low
3.45
µs
Cb
I2C bus capacitive load
400
pF
FAST MODE
fscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
0.6
µs
tscl
I2C clock low time
1.3
µs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
0
ns
ticr
I2C input rise time
20
300
ns
ticf
I2C input fall time
20 × (VDD /
5.5 V)
300
ns


Similar Part No. - TCA9534DWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534ADWR TI1-TCA9534ADWR Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9534ADWT TI1-TCA9534ADWT Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
More results

Similar Description - TCA9534DWT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA9534 TI1-TCA9534 Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A Datasheet
935Kb / 34P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9534A TI1-TCA9534A_16 Datasheet
514Kb / 30P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBUS Low-Power I/O Expander with Interrupt Output and Configuration Registers
TCA9554A TI1-TCA9554A_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA9554 TI1-TCA9554_16 Datasheet
1Mb / 39P
[Old version datasheet]   Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554A TI1-TCA9554A_15 Datasheet
1Mb / 38P
[Old version datasheet]   TCA9554A Low Voltage 8-Bit I2C and SMBus Low-Power I/O Expander With Interrupt Output and Configuration Registers
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408_09 Datasheet
927Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com