Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA9548AMRGER Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TCA9548AMRGER
Description  Low-Voltage 8-Channel I2C Switch with Reset
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9548AMRGER Datasheet(HTML) 6 Page - Texas Instruments

Back Button TCA9548AMRGER Datasheet HTML 2Page - Texas Instruments TCA9548AMRGER Datasheet HTML 3Page - Texas Instruments TCA9548AMRGER Datasheet HTML 4Page - Texas Instruments TCA9548AMRGER Datasheet HTML 5Page - Texas Instruments TCA9548AMRGER Datasheet HTML 6Page - Texas Instruments TCA9548AMRGER Datasheet HTML 7Page - Texas Instruments TCA9548AMRGER Datasheet HTML 8Page - Texas Instruments TCA9548AMRGER Datasheet HTML 9Page - Texas Instruments TCA9548AMRGER Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
6
TCA9548A
SCPS207F – MAY 2012 – REVISED NOVEMBER 2016
www.ti.com
Product Folder Links: TCA9548A
Submit Documentation Feedback
Copyright © 2012–2016, Texas Instruments Incorporated
Electrical Characteristics
(1) (continued)
VCC = 2.3 V to 3.6 V, over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(2)
MAX
UNIT
RON
Switch-on resistance
VO = 0.4 V, IO = 15 mA
4.5 V to 5.5 V
4
10
20
3 V to 3.6 V
5
12
30
VO = 0.4 V, IO = 10 mA
2.3 V to 2.7 V
7
15
45
1.65 V to 1.95 V
10
25
70
(1)
A device internally must provide a hold time of at least 300 ns for the SDA signal (referred to the VIH min of the SCL signal), to bridge
the undefined region of the falling edge of SCL.
(2)
Data taken using a 1-k
Ω pull-up resistor and 50-pF load (see Figure 6)
(3)
Cb = total bus capacitance of one bus line in pF
6.6 I
2C Interface Timing Requirements
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 5)
MIN
MAX
UNIT
STANDARD MODE
fscl
I2C clock frequency
0
100
kHz
tsch
I2C clock high time
4
μs
tscl
I2C clock low time
4.7
μs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
250
ns
tsdh
I2C serial-data hold time
0(1)
μs
ticr
I2C input rise time
1000
ns
ticf
I2C input fall time
300
ns
tocf
I2C output (SDn) fall time (10-pF to 400-pF bus)
300
ns
tbuf
I2C bus free time between stop and start
4.7
μs
tsts
I2C start or repeated start condition setup
4.7
μs
tsth
I2C start or repeated start condition hold
4
μs
tsps
I2C stop condition setup
4
μs
tvdL(Data)
Valid-data time (high to low)(2)
SCL low to SDA output low valid
1
μs
tvdH(Data)
Valid-data time (low to high)(2)
SCL low to SDA output high valid
0.6
μs
tvd(ack)
Valid-data time of ACK condition
ACK signal from SCL low
to SDA output low
1
μs
Cb
I2C bus capacitive load
400
pF
FAST MODE
fscl
I2C clock frequency
0
400
kHz
tsch
I2C clock high time
0.6
μs
tscl
I2C clock low time
1.3
μs
tsp
I2C spike time
50
ns
tsds
I2C serial-data setup time
100
ns
tsdh
I2C serial-data hold time
0(1)
μs
ticr
I2C input rise time
20 + 0.1Cb
(3)
300
ns
ticf
I2C input fall time
20 + 0.1Cb
(3)
300
ns
tocf
I2C output (SDn) fall time (10-pF to 400-pF bus)
20 + 0.1Cb
(3)
300
ns
tbuf
I2C bus free time between stop and start
1.3
μs
tsts
I2C start or repeated start condition setup
0.6
μs
tsth
I2C start or repeated start condition hold
0.6
μs
tsps
I2C stop condition setup
0.6
μs


Similar Part No. - TCA9548AMRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
TCA9548A TI1-TCA9548A Datasheet
2Mb / 36P
[Old version datasheet]   Automotive 8-Channel I2C Switch with Reset
TCA9548A-Q1 TI1-TCA9548A-Q1 Datasheet
2Mb / 36P
[Old version datasheet]   Automotive 8-Channel I2C Switch with Reset
TCA9548APW TI1-TCA9548APW Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
TCA9548APWR TI1-TCA9548APWR Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
More results

Similar Description - TCA9548AMRGER

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA9548A TI1-TCA9548A_15 Datasheet
1Mb / 35P
[Old version datasheet]   Low-Voltage 8-Channel I2C Switch With Reset
TCA9548A TI1-TCA9548A Datasheet
586Kb / 22P
[Old version datasheet]   LOW VOLTAGE 8-CHANNEL I2C SWITCH WITH RESET
PCA9548APWRG4 TI-PCA9548APWRG4 Datasheet
762Kb / 27P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548 PHILIPS-PCA9548 Datasheet
125Kb / 16P
   8-channel I2C switch with reset
2004 Sep 30
logo
Texas Instruments
PCA9548A TI-PCA9548A Datasheet
522Kb / 23P
[Old version datasheet]   8-CHANNEL I2C SWITCH WITH RESET
logo
NXP Semiconductors
PCA9548A PHILIPS-PCA9548A Datasheet
141Kb / 25P
   8-channel I2C switch with reset
Rev. 01-15 April 2005
PCA9848PW NXP-PCA9848PW Datasheet
369Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.1 - 23 October 2023
PCA9848 NXP-PCA9848 Datasheet
430Kb / 29P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.0 - 16 May 2023
PCA9848BS NXP-PCA9848BS Datasheet
385Kb / 26P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 2.2 - 23 October 2023
PCA9848PWJ NXP-PCA9848PWJ Datasheet
1,018Kb / 32P
   8-channel ultra-low voltage, Fm I2C-bus switch with reset
Rev. 1-15 December 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com