Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC14518BDWG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC14518BDWG
Description  Dual Up Counters
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14518BDWG Datasheet(HTML) 4 Page - ON Semiconductor

  MC14518BDWG Datasheet HTML 1Page - ON Semiconductor MC14518BDWG Datasheet HTML 2Page - ON Semiconductor MC14518BDWG Datasheet HTML 3Page - ON Semiconductor MC14518BDWG Datasheet HTML 4Page - ON Semiconductor MC14518BDWG Datasheet HTML 5Page - ON Semiconductor MC14518BDWG Datasheet HTML 6Page - ON Semiconductor MC14518BDWG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MC14518B, MC14520B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 6) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
All Types
Unit
Min
Typ
(Note 7)
Max
Output Rise and Fall Time
tTLH, tTHL = (1.5 ns/pF) CL + 25 ns
tTLH, tTHL = (0.75 ns/pF) CL + 12.5 ns
tTLH, tTHL = (0.55 ns/pF) CL + 9.5 ns
tTLH,
tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time
Clock to Q/Enable to Q
tPLH, tPHL = (1.7 ns/pF) CL + 215 ns
tPLH, tPHL = (0.66 ns/pF) CL + 97 ns
tPLH, tPHL = (0.5 ns/pF) CL + 75 ns
Reset to Q
tPHL = (1.7 ns/pF) CL + 265 ns
tPHL = (0.66 ns/pF) CL + 117 ns
tPHL = (0.66 ns/pF) CL + 95 ns
tPLH,
tPHL
5.0
10
15
280
115
80
560
230
160
ns
tPHL
5.0
10
15
330
130
90
650
230
170
ns
Clock Pulse Width
tw(H)
tw(L)
5.0
10
15
200
100
70
100
50
35
ns
Clock Pulse Frequency
fcl
5.0
10
15
2.5
6.0
8.0
1.5
3.0
4.0
MHz
Clock or Enable Rise and Fall Time
tTHL, tTLH
5.0
10
15
15
5
4
μs
Enable Pulse Width
tWH(E)
5.0
10
15
440
200
140
220
100
70
ns
Reset Pulse Width
tWH(R)
5.0
10
15
280
120
90
125
55
40
ns
Reset Removal Time
trem
5.0
10
15
– 5
15
20
– 45
– 15
– 5
ns
6. The formulas given are for the typical characteristics only at 25
_C.
7. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.
Figure 1. Power Dissipation Test Circuit and Waveform
PULSE
GENERATOR
VARIABLE
WIDTH
CL
CL
CL
CL
VDD
VSS
VSS
500
μF
0.01
μF
CERAMIC
20 ns
50%
10%
90%
20 ns
ID
Q3
Q2
Q1
Q0
C
E
R


Similar Part No. - MC14518BDWG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14518BDWG ONSEMI-MC14518BDWG Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
More results

Similar Description - MC14518BDWG

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
MMC4518 MICRO-ELECTRONICS-MMC4518 Datasheet
204Kb / 6P
   DUAL UP-COUNTERS
logo
Motorola, Inc
MC14518-520B MOTOROLA-MC14518-520B Datasheet
203Kb / 7P
   DUAL UP COUNTERS
logo
ON Semiconductor
MC14518B ONSEMI-MC14518B Datasheet
174Kb / 8P
   Dual Up Counters
March, 2000 ??Rev. 3
MC14518B ONSEMI-MC14518B_06 Datasheet
112Kb / 9P
   Dual Up Counters
January, 2006 ??Rev. 5
logo
STMicroelectronics
HCC4518B STMICROELECTRONICS-HCC4518B Datasheet
315Kb / 14P
   DUAL UP-COUNTERS
logo
Texas Instruments
CD4518B TI1-CD4518B_16 Datasheet
1Mb / 18P
[Old version datasheet]   Cmos Dual Up-Counters
logo
List of Unclassifed Man...
SCL4520B ETC1-SCL4520B Datasheet
198Kb / 3P
   CMOS DUAL UP COUNTERS
logo
Texas Instruments
CD4520BPWG4 TI-CD4520BPWG4 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS Dual Up-Counters
logo
Renesas Technology Corp
HD74HC4518 RENESAS-HD74HC4518 Datasheet
115Kb / 9P
   Dual BCD Up Counters
logo
Intersil Corporation
CD4518BMS INTERSIL-CD4518BMS Datasheet
112Kb / 10P
   CMOS Dual Up Counters
December 1992
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com