Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AOD5B65M1 Datasheet(PDF) 7 Page - Alpha & Omega Semiconductors

Part # AOD5B65M1
Description  Very fast and soft recovery freewheeling diode
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOD5B65M1 Datasheet(HTML) 7 Page - Alpha & Omega Semiconductors

  AOD5B65M1 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOD5B65M1 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOD5B65M1 Datasheet HTML 3Page - Alpha & Omega Semiconductors AOD5B65M1 Datasheet HTML 4Page - Alpha & Omega Semiconductors AOD5B65M1 Datasheet HTML 5Page - Alpha & Omega Semiconductors AOD5B65M1 Datasheet HTML 6Page - Alpha & Omega Semiconductors AOD5B65M1 Datasheet HTML 7Page - Alpha & Omega Semiconductors AOD5B65M1 Datasheet HTML 8Page - Alpha & Omega Semiconductors AOD5B65M1 Datasheet HTML 9Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
0
80
160
240
320
400
2
4
6
8
10
I
F (A)
Figure 22: Diode Reverse Recovery Time and
Softness Factor vs. Conduction Current
(V
GE=15V,VCE=400V,di/dt=200A/µs)
150
°
C
25
°
C
150
°
C
25
°
C
T
rr
S
0
5
10
15
20
25
0
160
320
480
640
800
2
4
6
8
10
I
F(A)
Figure 21: Diode Reverse Recovery Charge and
Peak Current vs. Conduction Current
(V
GE=15V,VCE=400V,di/dt=200A/µs)
25
°
C
150
°
C
150
°
C
25
°
C
Q
rr
I
rm
0
5
10
15
20
25
30
0
60
120
180
240
300
100
200
300
400
500
600
S
di/dt (A/
µS)
25
°
C
150
°
C
25
°
C
150
°
C
T
rr
0
5
10
15
20
25
0
100
200
300
400
500
100
200
300
400
500
600
di/dt (A/
µS)
150
°
C
25
°
C
150
°
C
25
°
C
Q
rr
I
rm
di/dt (A/
µS)
Figure 24: Diode Reverse Recovery Time and
Softness Factor vs. di/dt
(V
GE=15V,VCE=400V,IF=5A)
di/dt (A/
µS)
Figure 23: Diode Reverse Recovery Charge and
Peak Current vs. di/dt
(V
GE=15V,VCE=400V,IF=5A)
Rev.1.0: April 2015
www.aosmd.com
Page 7 of 9


Similar Part No. - AOD5B65M1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD5B65N1 AOSMD-AOD5B65N1 Datasheet
20Kb / 1P
   TO252(DPAK) PACKAGE MARKING DESCRIPTION
More results

Similar Description - AOD5B65M1

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD7B65M3 AOSMD-AOD7B65M3 Datasheet
540Kb / 9P
   Very fast and soft recovery freewheeling diode
AOB5B65M1 AOSMD-AOB5B65M1 Datasheet
558Kb / 9P
   Very fast and soft recovery freewheeling diode
AOB20B65M1 AOSMD-AOB20B65M1 Datasheet
564Kb / 9P
   Very fast and soft recovery freewheeling diode
logo
Vishay Siliconix
BYT43 VISHAY-BYT43 Datasheet
46Kb / 4P
   Very Fast Soft Recovery Rectifier
Rev. 3, 24-Jun-98
BYV98 VISHAY-BYV98 Datasheet
37Kb / 3P
   Very Fast Soft-Recovery Rectifiers
Rev. 2, 24-Jun-98
logo
Shenzhen Ping Sheng Ele...
BYV26 PFS-BYV26 Datasheet
242Kb / 3P
   Very Fast Soft-Recovery Avalanche Rectifier
logo
Vishay Siliconix
BYV26 VISHAY-BYV26 Datasheet
41Kb / 4P
   Very Fast Soft-Recovery Avalanche Rectifier
Rev. 2, 24-Jun-98
logo
SanRex Corporation
DBA200UA60 SANREX-DBA200UA60 Datasheet
128Kb / 2P
   Fast & Soft Recovery Diode
DBA100UA60 SANREX-DBA100UA60 Datasheet
120Kb / 2P
   Fast & Soft Recovery Diode
DBA200UA40 SANREX-DBA200UA40 Datasheet
120Kb / 2P
   Fast & Soft Recovery Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com