Electronic Components Datasheet Search |
|
LM2674LD-ADJ Datasheet(PDF) 10 Page - National Semiconductor (TI) |
|
|
LM2674LD-ADJ Datasheet(HTML) 10 Page - National Semiconductor (TI) |
10 / 26 page LM2674 Series Buck Regulator Design Procedure (Fixed Output) PROCEDURE (Fixed Output Voltage Version) EXAMPLE (Fixed Output Voltage Version) To simplify the buck regulator design procedure, National Semiconductor is making available computer design software to be used with the SIMPLE SWITCHER line of switching regulators. LM267X Made Simple (version 6.0)is available on Windows® 3.1, NT, or 95 operating systems. Given: Given: V OUT = Regulated Output Voltage (3.3V, 5V, or 12V) V OUT =5V V IN(max) = Maximum DC Input Voltage V IN(max) = 12V I LOAD(max) = Maximum Load Current I LOAD(max) = 500 mA 1. Inductor Selection (L1) 1. Inductor Selection (L1) A. Select the correct inductor value selection guide from Figure 4, Figure 5 or Figure 6 (output voltages of 3.3V, 5V, or 12V respectively). For all other voltages, see the design procedure for the adjustable version. A. Use the inductor selection guide for the 5V version shown in Figure 5. B. From the inductor value selection guide, identify the inductance region intersected by the Maximum Input Voltage line and the Maximum Load Current line. Each region is identified by an inductance value and an inductor code (LXX). B. From the inductor value selection guide shown in Figure 5, the inductance region intersected by the 12V horizontal line and the 500mA vertical line is 47 µH, and the inductor code is L13. C. Select an appropriate inductor from the four manufacturer’s part numbers listed in Figure 8. Each manufacturer makes a different style of inductor to allow flexibility in meeting various design requirements. Listed below are some of the differentiating characteristics of each manufacturer’s inductors: C. The inductance value required is 47 µH. From the table in Figure 8, go to the L13 line and choose an inductor part number from any of the four manufacturers shown. (In most instances, both through hole and surface mount inductors are available.) Schott: ferrite EP core inductors; these have very low leakage magnetic fields to reduce electro-magnetic interference (EMI) and are the lowest power loss inductors Renco: ferrite stick core inductors; benefits are typically lowest cost inductors and can withstand E •T and transient peak currents above rated value. Be aware that these inductors have an external magnetic field which may generate more EMI than other types of inductors. Pulse: powered iron toroid core inductors; these can also be low cost and can withstand larger than normal E •T and transient peak currents. Toroid inductors have low EMI. Coilcraft: ferrite drum core inductors; these are the smallest physical size inductors, available only as SMT components. Be aware that these inductors also generate EMI — but less than stick inductors. Complete specifications for these inductors are available from the respective manufacturers. A table listing the manufacturers’ phone numbers is located in Figure 9. 2. Output Capacitor Selection (C OUT) 2. Output Capacitor Selection (C OUT) A. Select an output capacitor from the output capacitor table in Figure 10. Using the output voltage and the inductance value found in the inductor selection guide, step 1, locate the appropriate capacitor value and voltage rating. A. Use the 5.0V section in the output capacitor table in Figure 10. Choose a capacitor value and voltage rating from the line that contains the inductance value of 47 µH. The capacitance and voltage rating values corresponding to the 47 µH inductor are the: www.national.com 10 |
Similar Part No. - LM2674LD-ADJ |
|
Similar Description - LM2674LD-ADJ |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |