Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74HC161A Datasheet(PDF) 5 Page - ON Semiconductor

Part # MC74HC161A
Description  Presettable Counters
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74HC161A Datasheet(HTML) 5 Page - ON Semiconductor

  MC74HC161A Datasheet HTML 1Page - ON Semiconductor MC74HC161A Datasheet HTML 2Page - ON Semiconductor MC74HC161A Datasheet HTML 3Page - ON Semiconductor MC74HC161A Datasheet HTML 4Page - ON Semiconductor MC74HC161A Datasheet HTML 5Page - ON Semiconductor MC74HC161A Datasheet HTML 6Page - ON Semiconductor MC74HC161A Datasheet HTML 7Page - ON Semiconductor MC74HC161A Datasheet HTML 8Page - ON Semiconductor MC74HC161A Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
MC74HC161A, MC74HC163A
http://onsemi.com
5
AC ELECTRICAL CHARACTERISTICS (CL = 50 pF, Input tr = tf = 6.0 ns)
VCC
Guaranteed Limit
Symbol
Parameter
Figure
VCC
V
– 55 to 25
_C
v 85_C
v 125_C
Unit
fmax
Maximum Clock Frequency
(50% Duty Cycle)
(Note 9.)
4, 10
2.0
3.0
4.5
6.0
6
15
30
35
5
12
24
28
4
10
20
24
MHz
tPLH
Maximum Propagation Delay,
Clock to Q
4, 10
2.0
3.0
4.5
6.0
120
75
20
16
160
120
23
20
200
150
28
22
ns
tPHL
4, 10
2.0
3.0
4.5
6.0
145
100
22
18
185
135
25
20
220
150
30
23
ns
tPHL
Maximum Propagation Delay,
Reset to Q (HC161A Only)
5, 10
2.0
3.0
4.5
6.0
145
100
20
17
185
135
22
19
220
150
25
21
ns
tPLH
Maximum Propagation Delay,
Enable T to Ripple Carry Out
6, 10
2.0
3.0
4.5
6.0
110
60
16
14
150
115
18
15
190
140
20
17
ns
tPHL
6, 10
2.0
3.0
4.5
6.0
135
100
18
15
175
130
20
16
210
160
22
20
ns
tPLH
Maximum Propagation Delay,
Clock to Ripple Carry Out
4, 10
2.0
3.0
4.5
6.0
120
75
22
18
160
135
27
22
200
150
30
25
ns
tPHL
4, 10
2.0
3.0
4.5
6.0
145
100
22
20
185
135
28
24
220
150
35
28
ns
tPHL
Maximum Propagation Delay,
Reset to Ripple Carry Out
(HC161A Only)
5, 10
2.0
3.0
4.5
6.0
155
120
22
18
190
140
26
22
230
155
30
25
ns
tTLH,
tTHL
Maximum Output Transition Time,
Any Output
5, 10
2.0
3.0
4.5
6.0
75
30
15
13
95
40
19
16
110
55
22
19
ns
Cin
Maximum Input Capacitance
4, 10
10
10
10
pF
9. Applies to noncascaded/nonsynchronous clocked configurations only with synchronously cascaded counters. (1) Clock to Ripple Carry Out
propagation delays. (2) Enable T or Enable P to Clock setup times and (3) Clock to Enable T or Enable P hold times determine fmax. However,
if Ripple Carry out of each stage is tied to the Clock of the next stage (nonsynchronously clocked) the fmax in the table above is applicable.
See Applications information in this data sheet.
10. For propagation delays with loads other than 50 pF, and information on typical parametric values, see the ON Semiconductor High–Speed
CMOS Data Book (DL129/D).
Typical @ 25
°C, VCC = 5.0 V
CPD
Power Dissipation Capacitance (Per Gate) (Note 11.)
45
pF
11. Used to determine the no–load dynamic power consumption: PD = CPD VCC2f + ICC VCC. For load considerations, see the ON
Semiconductor High–Speed CMOS Data Book (DL129/D).


Similar Part No. - MC74HC161A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
   Presettable Counters
March, 2000 ??Rev. 8
MC74HC161A ONSEMI-MC74HC161A Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
MC74HC161A ONSEMI-MC74HC161A Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
logo
Motorola, Inc
MC74HC161AD MOTOROLA-MC74HC161AD Datasheet
255Kb / 12P
   PRESETTABLE COUNTERS HIGH-PERFORMANCE SILICON-GATE CMOS
logo
ON Semiconductor
MC74HC161AD ONSEMI-MC74HC161AD Datasheet
352Kb / 16P
   Presettable Counters High?뭁erformance Silicon?묰ate CMOS
June, 2006 ??Rev. 11
More results

Similar Description - MC74HC161A

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
   Presettable Counters
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
   Presettable Counters
May, 2013 ??Rev. 13
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
   PRESETTABLE COUNTERS
IN74HCT163A INTEGRAL-IN74HCT163A Datasheet
188Kb / 8P
   PRESETTABLE COUNTERS
IN74ACT163 INTEGRAL-IN74ACT163 Datasheet
217Kb / 7P
   PRESETTABLE COUNTERS
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A Datasheet
284Kb / 16P
   Presettable Counters
March, 2000 ??Rev. 8
logo
Integral Corp.
IN74HC161A INTEGRAL-IN74HC161A Datasheet
189Kb / 9P
   PRESETTABLE COUNTERS
logo
System Logic Semiconduc...
SL74HC163 SLS-SL74HC163 Datasheet
86Kb / 9P
   Presettable Counters
logo
National Semiconductor ...
DM74197 NSC-DM74197 Datasheet
86Kb / 4P
   PRESETTABLE BINARY COUNTERS
DM74LS197 NSC-DM74LS197 Datasheet
117Kb / 6P
   Presettable Binary Counters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com