Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SL1545 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SL1545
Description  Patented Super Barrier Rectifier Technology
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SL1545 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SL1545 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SL1545 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
version: 01
1/2
SL1545
load(JEDEC Method)
(Note2)
Average Rectified Output Current
(Note1)
-55 to +150
-55 to +150
Maximum Ratings and Electrical Characteristics @T =25
15 0A Surface Mount Schottky Barrier Rectifie
At Rated DC Blocking Voltage
=
Peak Reverse Curent
=25
Forward Voltage Drop
=25
DC
@ IF=15A
Mechanical Data
Features
· Schottky Barrier Chip
rs
· High Thermal Reliability
· Patented Super Barrier Rectifier Technology
· High Forward Surge Capability
· Ultra Fow Power Loss,High Efficiency
MIL-STD-202,Method 208
· Excellent High Temperature Stability
· Terminals:Plated Leads Solderable per
· Polarity:Cathode Band
Unit
V
A
mA
V
Working Peak Reverse Voltage
Peak Repetitive Reverse Voltage
V
RWM
V
V
A
275
RMS Rectified Voltage
· Mounting Position:Any
· Marking:Type Number
· Polarity:Cathode Band
· Lead Free:For RoHS/Lead Free Version
℃ unless otherwise specified
Single Phase,half wave,60Hz,resistive or inductive load.For capacitive load,derate current by 20%.
Parameter
Symbol
VRRM
45
DC blocking voltage
VR(RMS)
28
Non-Repetitive Peak Forward Surge8.3ms
Single Half Sine-Wave Superimposed on rated
15
0.3
15
0.48
15
2.Fr-4pcb.2oz.Copper,minimum recommend pad layout .18.8mm×14.4.Anode pad dimensions 5.6mm×14.4mm.
80
15
Operating junction temperature range
Typical Thermal Resistance
Junctionto Ambient
℃/W
storage temperature range
Note:1.Valid Provided that are kept at ambient temperature at a distance of 9.5mm from the case.
IO
IFSM
VFM
IR
RθJA
RθJL
TJ
TSTG
100
lastic material-UL flammability 94V-0
P
.
ase: TO-277B, molded plastic
C
.
TA
TA
TA
A
.
SL1545 THRU SL1580
SL1550
SL1560
SL1580
50
35
60
42
80
56
0.50
0.55
0.75
www.dyelec.com
dimensions in inches and (millimeters)
TO-277B


Similar Part No. - SL1545

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SL1545 CHENDA-SL1545 Datasheet
2Mb / 2P
   15.0A SCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SL1545 ZSELEC-SL1545 Datasheet
272Kb / 3P
   15A SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Microdiode Electronics ...
SL1545 CHENDA-SL1545 Datasheet
2Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Leiditech Elec...
SL1545 LEIDITECH-SL1545 Datasheet
2Mb / 3P
   15.0Amp Surfacs Mounted Schottky Barrier Rectifiers
logo
Microdiode Electronics ...
SL1545 CHENDA-SL1545_V01 Datasheet
2Mb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SL1545

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT11 CUI-AMT11 Datasheet
736Kb / 9P
   patented capacitive ASIC technology
logo
Shanghai Leiditech Elec...
TSP10U60S LEIDITECH-TSP10U60S Datasheet
576Kb / 4P
   Patented Trench Schottky technology
logo
CUI INC
AMT20 CUI-AMT20 Datasheet
943Kb / 10P
   patented capacitive ASIC technology
logo
Active-Semi, Inc
ACT413 ACTIVE-SEMI-ACT413 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 2, 27-Feb-14
logo
List of Unclassifed Man...
5STP33L2800 ETC-5STP33L2800 Datasheet
394Kb / 6P
   Patented free-floating silicon technology
logo
Active-Semi, Inc
ACT412 ACTIVE-SEMI-ACT412 Datasheet
320Kb / 17P
   Patented Primary Side Regulation Technology
Rev 1, 30-Oct-13
ACT411 ACTIVE-SEMI-ACT411_14 Datasheet
301Kb / 16P
   Patented Primary Side Regulation Technology
Rev 4, 27-Feb-14
logo
SYNERGY MICROWAVE CORPO...
KDCRO275327-10 SYNERGY-KDCRO275327-10 Datasheet
271Kb / 3P
   Lead Free Patented REL-PRO짰 Technology
logo
Diodes Incorporated
SBR20A150CT DIODES-SBR20A150CT_08 Datasheet
166Kb / 3P
   SUPER BARRIER RECTIFIER
DS30967 Rev. 3 - 2
logo
List of Unclassifed Man...
SBR20A40CTF ETC1-SBR20A40CTF Datasheet
61Kb / 2P
   SUPER BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com