Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5336A Datasheet(PDF) 3 Page - DIYI Electronic Technology Co., Ltd.

Part # SMBJ5336A
Description  5W Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SMBJ5336A Datasheet(HTML) 3 Page - DIYI Electronic Technology Co., Ltd.

  SMBJ5336A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SMBJ5336A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SMBJ5336A Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SMBJ5336A Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMBJ5333A--- SMBJ5388A
Part Number
Zener voltage
Test
current
Dynamic
impedance
Knee
current
Knee
impedance
Reverse
current
Reverse
voltage
Max.DC
current
VZ /V
IZT
ZZT
IZK
ZZK
IR(Max.)
VR
IZM
Vz(MIN) Vz(MAX)
m A
m A
µAdc
V
m A
SMBJ5366A 53.200
58.800
30
14
1
170
0.5
28.1
122
SMBJ5367A 58.900
65.100
30
20
1
190
0.5
31.0
110
SMBJ5368A 64.600
71.400
25
25
1
210
0.5
33.8
100
SMBJ5369A 71.250
78.8
25
27
1
230
0.5
36.7
93.0
SMBJ5370A 77.900
86.1
20
35
1
280
0.5
40.3
86.0
SMBJ5371A
57
63
20
40
1
350
0.5
43.0
79.0
SMBJ5372A 86.450
95.6
20
42
1
400
0.5
44.6
76.0
SMBJ5373A 95.000
105.0
20
44
1
500
0.5
49.0
70.0
SMBJ5374A 104.500
115.5
20
45
1
620
0.5
54.0
63.0
SMBJ5375A 114.000
126.0
15
65
1
720
0.5
59.0
58.0
SMBJ5376A 82.65
91.35
15
75
1
760
0.5
63.0
54.5
SMBJ5377A 86.45
95.55
15
75
1
760
0.5
65.5
52.5
SMBJ5378A
95
105
12
90
1
800
0.5
72.0
47.5
SMBJ5379A 104.5
115.5
12
125
1
1000
0.5
79.2
43.0
SMBJ5380A
114
126
10
170
1
1150
0.5
86.4
39.5
SMBJ5381A 123.500
136.5
10
190
1
1250
0.5
93.2
36.6
SMBJ5382A
133
147
8
230
1
1500
0.5
101
34.0
SMBJ5383A 142.500
157.5
8
330
1
1500
0.5
108
31.6
SMBJ5384A 152.000
168.0
8
350
1
1650
0.5
115
29.4
SMBJ5385A 161.5
178.5
8
380
1
1750
0.5
122
28.0
SMBJ5386A 171.000
189.0
5
430
1
1750
0.5
130
26.4
SMBJ5387A 180.5
199.5
5
450
1
1850
0.5
137
25.0
SMBJ5388A 190.000
210.0
5
480
1
1850
0.5
144
23.6


Similar Part No. - SMBJ5336A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ5336A EIC-SMBJ5336A Datasheet
40Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
SMBJ5336A TAYCHIPST-SMBJ5336A Datasheet
1Mb / 2P
   ZENER DIODES
logo
DONGGUAN YOU FENG WEI E...
SMBJ5336A YFWDIODE-SMBJ5336A Datasheet
377Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - SMBJ5336A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
   5W SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
   5W silicon zener diodes
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
   5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
1N5388 JINANJINGHENG-1N5388 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com