Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5346A Datasheet(PDF) 4 Page - DIYI Electronic Technology Co., Ltd.

Part # SMBJ5346A
Description  5W Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SMBJ5346A Datasheet(HTML) 4 Page - DIYI Electronic Technology Co., Ltd.

  SMBJ5346A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SMBJ5346A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SMBJ5346A Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SMBJ5346A Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Typical Characteristics
SMBJ5333A --- SMBJ5388A


Similar Part No. - SMBJ5346A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ5346A EIC-SMBJ5346A Datasheet
40Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Shenzhen Taychipst Elec...
SMBJ5346A TAYCHIPST-SMBJ5346A Datasheet
1Mb / 2P
   ZENER DIODES
logo
DONGGUAN YOU FENG WEI E...
SMBJ5346A YFWDIODE-SMBJ5346A Datasheet
377Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - SMBJ5346A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
   5W SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
   5W silicon zener diodes
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
   5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
1N5388 JINANJINGHENG-1N5388 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com