Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7763EFV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD7763EFV-E2
Description  System Motor Driver IC for Half Height Drive(Sensor less)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7763EFV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD7763EFV-E2 Datasheet HTML 3Page - Rohm BD7763EFV-E2 Datasheet HTML 4Page - Rohm BD7763EFV-E2 Datasheet HTML 5Page - Rohm BD7763EFV-E2 Datasheet HTML 6Page - Rohm BD7763EFV-E2 Datasheet HTML 7Page - Rohm BD7763EFV-E2 Datasheet HTML 8Page - Rohm BD7763EFV-E2 Datasheet HTML 9Page - Rohm BD7763EFV-E2 Datasheet HTML 10Page - Rohm BD7763EFV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7/15
Datasheet
Datasheet
BD7763EFV
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ02201-0P1P0B800260-1-2
19.NOV.2012 Rev.001
www.rohm.com
TSZ22111・15・001
2.Output limit for spindle (SPLIM)
A=3844
Ω
Ω
3.Torque command (SPIN) (SLIN1,2)
Torque command inputs vs. peak current value Iop of Iosp or Ioo is expressed in the figure below:
The gain is defined by the inclination between two points.
(Please exclude the dead zone from the input voltage when calculating Iop. )
4.FG output (FG))
3FG output begins after 900°degrees in electric angle, after the start mode ends and the BEMF detection starts. When
the rotational speed becomes 24rpm (Max.) or less in case of brake, the FG output is fixed to high.
The above-mentioned rotation speed applies to the 12 pole motor.
VC
Iop
SPIN
SLIN1,2
Forward rotation
Input dead zone -
Input dead zone +
Gain
ILIMSP =
A
(RSPLIM[ ] + 5600)×(RDET)[ ]
[A]


Similar Part No. - BD7763EFV-E2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BD776 MOTOROLA-BD776 Datasheet
117Kb / 4P
   Plastic Darlington Complementary Silicon Power Transistors
logo
New Jersey Semi-Conduct...
BD776 NJSEMI-BD776 Datasheet
95Kb / 2P
   PLASTIC DARUNGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results

Similar Description - BD7763EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7755RFV ROHM-BD7755RFV Datasheet
908Kb / 19P
   System Motor Driver IC for Half Height Drive (Sensor less)
BD7755RFV-E2 ROHM-BD7755RFV-E2 Datasheet
1,005Kb / 21P
   System Motor Driver IC for Half Height Drive (Sensor less)
BD7959EFV ROHM-BD7959EFV Datasheet
1Mb / 19P
   System Motor Driver IC for Half Height Drive (3 Sensors)
logo
Panasonic Semiconductor
AN8221FB PANASONIC-AN8221FB Datasheet
506Kb / 13P
   HDD Sensor-less Motor Driver IC
AN3861SA PANASONIC-AN3861SA Datasheet
103Kb / 11P
   Sensor-less Motor Drive IC for VTR Movie Cylinder
logo
Sanyo Semicon Device
LV8806GQ SANYO-LV8806GQ Datasheet
242Kb / 6P
   3-phase sensor-less Motor Driver IC
logo
ON Semiconductor
LV8806QA ONSEMI-LV8806QA Datasheet
338Kb / 8P
   3-phase sensor-less Motor Driver IC
April, 2013
logo
Rohm
BH55110KV ROHM-BH55110KV Datasheet
546Kb / 17P
   System Motor Driver IC for Slim Drive (3 sensors)
logo
Sanyo Semicon Device
LB11685VH SANYO-LB11685VH Datasheet
184Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
LB11685AV SANYO-LB11685AV Datasheet
182Kb / 7P
   Monolithic Digital IC 3-phase sensor less Motor driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com