Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8203EFV-E2 Datasheet(PDF) 7 Page - Rohm

Part # BD8203EFV-E2
Description  5ch System Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8203EFV-E2 Datasheet(HTML) 7 Page - Rohm

Back Button BD8203EFV-E2 Datasheet HTML 3Page - Rohm BD8203EFV-E2 Datasheet HTML 4Page - Rohm BD8203EFV-E2 Datasheet HTML 5Page - Rohm BD8203EFV-E2 Datasheet HTML 6Page - Rohm BD8203EFV-E2 Datasheet HTML 7Page - Rohm BD8203EFV-E2 Datasheet HTML 8Page - Rohm BD8203EFV-E2 Datasheet HTML 9Page - Rohm BD8203EFV-E2 Datasheet HTML 10Page - Rohm BD8203EFV-E2 Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
BD8203EFV
7/22
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0H5H0BK01520-1-2
04.Nov.2015 Rev.001
(3)
5V Regulator 1
1.2V
PREVCC
8V
REG5
10µF
5V
REGRST
(a) Regulator 1 Control
ON/OFF of regulator 1 can be controlled by REGRST terminal.
REGRST
Regulator 1
Low
OFF
High
ON
(b) VCC
-V
OUT
Characteristic
5V
REG5
PREVCC
0V
VREGON_PREVCC
(c) Timing Chart
5V
0V
High
Low
REG5
REGRST
(4) 3.6V Changeable Regulator 2
REGVARVCC
5V
REGVAR
10µF
3.6V
REGCTL
3.3V
8V
PREVCC
REGRST
10k
Ω
(a) Regulator 2 Controls
ON/OFF of regulator 2 can be controlled by REGRST terminal.
REGRST
Regulator 2
Low
OFF
High
ON


Similar Part No. - BD8203EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8203EFV-E2 ROHM-BD8203EFV-E2 Datasheet
813Kb / 22P
   5ch System Moter Driver
More results

Similar Description - BD8203EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6603KVT ROHM-BD6603KVT Datasheet
202Kb / 6P
   5ch Sensorless System Motor Driver for MD
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
logo
Princeton Technology Co...
PT5660 PTC-PT5660 Datasheet
222Kb / 5P
   5CH Motor Driver
logo
Rohm
BD8203EFV ROHM-BD8203EFV Datasheet
813Kb / 22P
   5ch System Moter Driver
BD6754KN ROHM-BD6754KN Datasheet
355Kb / 6P
   5ch Stepping Motor Driver
BD6758KN ROHM-BD6758KN Datasheet
291Kb / 6P
   5ch Stepping Motor Driver
logo
Renesas Technology Corp
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63022FP MITSUBISHI-M63022FP Datasheet
188Kb / 14P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com