Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8203EFV Datasheet(PDF) 9 Page - Rohm

Part # BD8203EFV
Description  5ch System Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8203EFV Datasheet(HTML) 9 Page - Rohm

Back Button BD8203EFV Datasheet HTML 5Page - Rohm BD8203EFV Datasheet HTML 6Page - Rohm BD8203EFV Datasheet HTML 7Page - Rohm BD8203EFV Datasheet HTML 8Page - Rohm BD8203EFV Datasheet HTML 9Page - Rohm BD8203EFV Datasheet HTML 10Page - Rohm BD8203EFV Datasheet HTML 11Page - Rohm BD8203EFV Datasheet HTML 12Page - Rohm BD8203EFV Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
BD8203EFV
9/22
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
TSZ02201-0H5H0BK01520-1-2
04.Nov.2015 Rev.001
VVO4+, VVO4- [V]
VPVCC2-VOHLD
― (VPVCC2-0.7)V
2
1
2.95V
VVO4-
VVO4+
2.59V
VVSPDL [V]
4V
3.3V
0.2V
0V
VVC (1.65V)
0V
4.2V
VOLLD
(6) Thermal Shutdown Flag Output Function
TSDM = Hi-Z (normal operation)
When thermal shutdown is activated, TSDM terminal becomes Low, all driver outputs (VO1-VO5) and regulator
outputs (REG5, REGVAR) are turned OFF (output Hi-Z).
TSDM
VCC
TSD
33kΩ
Thermal shutdown
TSDM
OFF
Hi-Z
ON
Low
(7) Power Supply Drop Mute and VC Drop Mute Function
Power supply drop mute functions at VPREVCC<VMPREVCC(3.8V Typ). At this condition all driver outputs (VO1-VO5)
are turned OFF (output Hi-Z).
VC drop mute functions at VVCO<VMVCO(0.7V Typ). At this condition driver outputs (VO1-VO4) also are turned OFF
(output Hi-Z).
Mute function list (REGRST=MUTE123=MUTE4=FWD=High at the mode state of turning ON)
Thermal
shutdown
PREVCC
VCO
REG5,REGVAR
VO1 to VO4
VO5
OFF
>V
MPREVCC
>V
MVCO
ON
ON
ON
ON
-
-
OFF
OFF
OFF
OFF
<V
MPREVCC
-
ON
OFF
OFF
OFF
>V
MPREVCC
<V
MVCO
ON
OFF
ON


Similar Part No. - BD8203EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8203EFV ROHM-BD8203EFV Datasheet
813Kb / 22P
   5ch System Moter Driver
BD8203EFV-E2 ROHM-BD8203EFV-E2 Datasheet
813Kb / 22P
   5ch System Moter Driver
More results

Similar Description - BD8203EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6603KVT ROHM-BD6603KVT Datasheet
202Kb / 6P
   5ch Sensorless System Motor Driver for MD
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
logo
Princeton Technology Co...
PT5660 PTC-PT5660 Datasheet
222Kb / 5P
   5CH Motor Driver
logo
Rohm
BD8203EFV ROHM-BD8203EFV Datasheet
813Kb / 22P
   5ch System Moter Driver
BD6754KN ROHM-BD6754KN Datasheet
355Kb / 6P
   5ch Stepping Motor Driver
BD6758KN ROHM-BD6758KN Datasheet
291Kb / 6P
   5ch Stepping Motor Driver
logo
Renesas Technology Corp
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63022FP MITSUBISHI-M63022FP Datasheet
188Kb / 14P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com