Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8203EFV Datasheet(PDF) 1 Page - Rohm

Part # BD8203EFV
Description  5ch System Motor Driver
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8203EFV Datasheet(HTML) 1 Page - Rohm

  BD8203EFV Datasheet HTML 1Page - Rohm BD8203EFV Datasheet HTML 2Page - Rohm BD8203EFV Datasheet HTML 3Page - Rohm BD8203EFV Datasheet HTML 4Page - Rohm BD8203EFV Datasheet HTML 5Page - Rohm BD8203EFV Datasheet HTML 6Page - Rohm BD8203EFV Datasheet HTML 7Page - Rohm BD8203EFV Datasheet HTML 8Page - Rohm BD8203EFV Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
1/22
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・14・001
TSZ02201-0H5H0BK01520-1-2
04.Nov.2015 Rev.001
5ch System Motor Driver
BD8203EFV
General Description
BD8203EFV is a 5ch system motor driver for CD/DVD.
A linear BTL mode can be adopted for all 5ch to reduce
noise. It has a Built-in 5V regulator, a changeable
regulator, and a general-purpose operational amplifier.
Designed best for car audio systems.
Features
Linear BTL method is implemented for the actuator
driver and the DC motor driver to reduce noise.
Loading driver 1ch
Built-in regulator 2ch (1ch output changeable)
MUTE function and Standby function
Built-in general-purpose operational amplifier 1ch
Built-in internal operational amplifier for the voltage
detection between driver outputs and for VC
standard
Applications
Car Audio
Key Specifications
Power Supply Voltage Range:
Driver Part Pre Steps and Regulator1 7.5V to 14V
Driver Part Power Steps
4.5V to VPREVCC V
Power Steps of Two Regulators 4.5V to VPREVCC V
Standby-on Current:
1mA(Max)
Operating Temperature Range:
-40°C to +85°C
Package
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit
1
2
10
9
8
7
6
5
4
3
11
12
13
14
15
16
17
18
19
20
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
24
23
22
21
M
PVCC1
VCC
PVCC2
VCC
REGVARVCC
SGND
PREVCC
M
M
PGND
33k
Ω
0.1µF
0.1µF
0.1µF
47µF
47µF
47µF
10µF
10µF
10µF
330
Ω
10k
Ω
0.01µF
0.1µF
0.1µF
BD8203EFV
HTSSOP-B40
13.60mm x 7.80mm x 1.00mm
Datasheet
Datasheet


Similar Part No. - BD8203EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8203EFV ROHM-BD8203EFV Datasheet
813Kb / 22P
   5ch System Moter Driver
BD8203EFV-E2 ROHM-BD8203EFV-E2 Datasheet
813Kb / 22P
   5ch System Moter Driver
More results

Similar Description - BD8203EFV

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6603KVT ROHM-BD6603KVT Datasheet
202Kb / 6P
   5ch Sensorless System Motor Driver for MD
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
logo
Princeton Technology Co...
PT5660 PTC-PT5660 Datasheet
222Kb / 5P
   5CH Motor Driver
logo
Rohm
BD8203EFV ROHM-BD8203EFV Datasheet
813Kb / 22P
   5ch System Moter Driver
BD6754KN ROHM-BD6754KN Datasheet
355Kb / 6P
   5ch Stepping Motor Driver
BD6758KN ROHM-BD6758KN Datasheet
291Kb / 6P
   5ch Stepping Motor Driver
logo
Renesas Technology Corp
M63021FP RENESAS-M63021FP Datasheet
6Mb / 18P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
logo
Mitsubishi Electric Sem...
M63022FP MITSUBISHI-M63022FP Datasheet
188Kb / 14P
   SPINDLE MOTOR AND 5CH ACTUATOR DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com