Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8205EFV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BD8205EFV-E2
Description  5ch System Motor Driver for Car AV
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8205EFV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BD8205EFV-E2 Datasheet HTML 6Page - Rohm BD8205EFV-E2 Datasheet HTML 7Page - Rohm BD8205EFV-E2 Datasheet HTML 8Page - Rohm BD8205EFV-E2 Datasheet HTML 9Page - Rohm BD8205EFV-E2 Datasheet HTML 10Page - Rohm BD8205EFV-E2 Datasheet HTML 11Page - Rohm BD8205EFV-E2 Datasheet HTML 12Page - Rohm BD8205EFV-E2 Datasheet HTML 13Page - Rohm BD8205EFV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
www.rohm.com
© 2014 ROHM Co., Ltd. All rights reserved.
TSZ22111
• 15 • 001
10/19
TSZ02201-0P5P0BK00810-1-2
04.Dec.2014 Rev.001
BD8205EFV-M
Timing Chart
1. Kind of the signals
・External power supply
: POWVCC1, POWVCC2
・Internal power supply
: VREG
・Reference voltage input
: BIAS
・Driver input
: IN1, IN2, IN3, IN4, IN5
・Mute control input
: MUTE1245, MUTE3
・Driver output
: VO1P, VO1M, VO2P, VO2M, VO3P, VO3M, VO4P, VO4M, VO5P, VO5M,
2. Start-up Sequence
(1) Input external power supply. The slew
rate recommends less than 0.045V/μs in the start-up before the power supply
voltage arrive at 5V. When the power supply voltage quickly start-up, an overshoot of the VREG voltage occurs and
may lead to internal element destruction. Keep relations of POWVCC1 >= POWVCC2 at the start-up.
(2) Input reference voltage (BIAS). Because BIAS is sequence-free, BIAS input before the external power supply at
start-up is possible.
(3) After the POWVCC1 power supply voltage arrived at 4.0V (UVLO release voltage), input the mute control.
(4) After input the mute control, input any voltage into each driver input.
0V
POWVCC1, POWVCC2 : 8V
VREG : 5V(Typ)
Pin voltage
BIAS
MUTE1245, 3
Driver output
1.65V
0V
3.3V
OFF
ACTIVE
time
0V
UVLO release
4.0V(Typ)
Input MUTE after UVLO and
BIAS drop mute release
BIAS drop mute
release 0.7V(Typ)
Slew rate
0.045V/
μs or more slowly
Equal to BIAS
or Hi-Z input
Input any voltage
Driver input
Figure 13. Example of start-up sequence


Similar Part No. - BD8205EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82000FVJ ROHM-BD82000FVJ Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD8205EFV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8253EFV-M ROHM-BD8253EFV-M Datasheet
3Mb / 41P
   6ch System Motor Driver for Car AV
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
BD8256EFV-M ROHM-BD8256EFV-M_16 Datasheet
3Mb / 53P
   9ch System Motor Driver For Car AV
BD8203EFV ROHM-BD8203EFV_15 Datasheet
2Mb / 26P
   5ch System Motor Driver
BD6603KVT ROHM-BD6603KVT Datasheet
202Kb / 6P
   5ch Sensorless System Motor Driver for MD
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
logo
Princeton Technology Co...
PT5113 PTC-PT5113 Datasheet
197Kb / 4P
   5CH Motor Driver
logo
Rohm
BD6879KN ROHM-BD6879KN Datasheet
315Kb / 6P
   5ch Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com