Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8256EFV-ME2 Datasheet(PDF) 3 Page - Rohm

Part # BD8256EFV-ME2
Description  9ch System Motor Driver For Car AV
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8256EFV-ME2 Datasheet(HTML) 3 Page - Rohm

  BD8256EFV-ME2 Datasheet HTML 1Page - Rohm BD8256EFV-ME2 Datasheet HTML 2Page - Rohm BD8256EFV-ME2 Datasheet HTML 3Page - Rohm BD8256EFV-ME2 Datasheet HTML 4Page - Rohm BD8256EFV-ME2 Datasheet HTML 5Page - Rohm BD8256EFV-ME2 Datasheet HTML 6Page - Rohm BD8256EFV-ME2 Datasheet HTML 7Page - Rohm BD8256EFV-ME2 Datasheet HTML 8Page - Rohm BD8256EFV-ME2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
3/49
TSZ02201-0G1G0BK00030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4.Apr.2016 Rev.004
www.rohm.com
TSZ22111・15・001
BD8256EFV-M
Absolute Maximum Ratings (Ta = 25°C)
Parameter
Symbol
Rating
Unit
Pre Power supply voltage
VVCC
15
V
Power MOS power supply voltage
VSPRNF,VSLRNF1,VSLRNF2
15
V
PWM control / BTL power supply voltage
VPREVCC,VTKRNF,VFCTLRNF
7
V
Serial Output power supply
VSHV
7
V
Input pin voltage 1
VIN1
(1)
15
V
Input pin voltage 2
VIN2
(2)
7
V
Output pin voltage 1
VOUT1
(3)
15
V
Output pin voltage 2
VOUT2
(4)
7
V
Power Consumption
Pd
2.0
(5)
W
Operating temperature range
Topr
-40 to +90
°C
Storage temperature range
Tstg
-55 to +150
°C
Junction temperature
Tjmax
150
°C
(1)
BHLD, SPCNF
(2)
HU+, HU-, HV+, HV-, HW+, HW-, HALL_VC, PRTFT, PRTT, SLV, SCLK, SDI, TKCDET, FCTLCDET, MUTEB
(3)
FG, U_OUT, V_OUT, W_OUT, SLO1+, SLO1-, SLO2+, SLO2-, ERROUT, PRTLIM, PRTOUT, LDO+, LDO-
(4)
SDO, VREG, FCTLO1+, FCTLO1-, FCTLO2+, FCTLO2-, TKO+, TKO-, SAO1+, SAO1-, SAO2+, SAO2-
(5)
Ta=25°C, PCB (70mm×70mm×1.6mm, glass epoxy standard board) mounting.
Derated by 16mW/°C when operating above 25
°C
Caution: Operating the IC over the absolute maximum ratings may damage the IC. In addition, it is impossible to predict all destructive situations such as
short-circuit modes, open circuit modes, etc. Therefore, it is important to consider circuit protection measures, like adding a fuse, in case the IC is operated in a
special mode exceeding the absolute maximum ratings.
Recommended Operating Ratings (Ta = -40°C to +90°C)
Parameter
Symbol
Limits
Unit
Min.
Typ
Max.
Pre /Loading driver power supply voltage
(6)
VVCC
4.5
8
10.5
V
Spindle driver power supply voltage
(6)(7)
VSPRNF
-
VVCC
-
V
Sled motor driver power supply voltage
(6)(7)
VSLRNF1, VSLRNF2
-
VVCC
-
V
PWM control power supply voltage
(6)
VPREVCC
4.5
5
5.5
V
Actuator driver power supply voltage
(6)
VFCTLRNF, VTKRNF
4.5
5
VPREVCC
V
Serial output power supply
(6)
VSHV
3.0
3.3
3.6
V
(6)
Consider power consumption when deciding power supply voltage.
(7)
Set the voltage same as VVCC.


Similar Part No. - BD8256EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
More results

Similar Description - BD8256EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
BD8253EFV-M ROHM-BD8253EFV-M Datasheet
3Mb / 41P
   6ch System Motor Driver for Car AV
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
logo
Sanyo Semicon Device
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
logo
Rohm
BD64547MUV ROHM-BD64547MUV Datasheet
1Mb / 39P
   System Motor Driver
BD64008MUV ROHM-BD64008MUV Datasheet
1Mb / 39P
   System Motor Driver
logo
Sanyo Semicon Device
LV8212T SANYO-LV8212T Datasheet
154Kb / 13P
   System Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com