Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8256EFV-ME2 Datasheet(PDF) 9 Page - Rohm

Part # BD8256EFV-ME2
Description  9ch System Motor Driver For Car AV
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8256EFV-ME2 Datasheet(HTML) 9 Page - Rohm

Back Button BD8256EFV-ME2 Datasheet HTML 5Page - Rohm BD8256EFV-ME2 Datasheet HTML 6Page - Rohm BD8256EFV-ME2 Datasheet HTML 7Page - Rohm BD8256EFV-ME2 Datasheet HTML 8Page - Rohm BD8256EFV-ME2 Datasheet HTML 9Page - Rohm BD8256EFV-ME2 Datasheet HTML 10Page - Rohm BD8256EFV-ME2 Datasheet HTML 11Page - Rohm BD8256EFV-ME2 Datasheet HTML 12Page - Rohm BD8256EFV-ME2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9/49
TSZ02201-0G1G0BK00030-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
4.Apr.2016 Rev.004
www.rohm.com
TSZ22111・15・001
BD8256EFV-M
◆ DAC Register
1. Input / Output Sequence
Enter the register address in the SDI input on the first 4 bits and data for a specific DAC voltage in the next 12 bits.
When specified as REG=02h (address for focus), REG 77h data is output to the SDO.
When specified as REG≠02h (address for non-focus), SDO becomes Hi-Z.
SLV
SCLK
Hi-Z
SDO
D6
D5
D4
D3
D2
D1
D0
D7
SDI
DB
DA
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
C3
C2
C1
C0
Figure 5. 12bit Write / 8bit Read Sequence (when specified as REG=02h)
SLV
SCLK
SDO
Hi-Z
SDI
C1
C0
DB
DA
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
C3
C2
Figure 6. 12bit Write Sequence (when specified as REG≠02h, C3, C2≠1, 1)
2. Address Map (hereinafter register address is referred to as REG)
DAC Register Address Map
REG
NAME
R/W
DB
DA
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Reset
**
00h
N/A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
01h
DFCTL1
W
11
10
9
8
7
6
5
4
3
2
1
0
B
02h
DFCTL2
W
11
10
9
8
7
6
5
4
3
2
1
0
B
03h
DTK
W
11
10
9
8
7
6
5
4
3
2
1
0
B
04h
DSL1
W
11
10
9
8
7
6
5
4
3
2
1 *
0 *
B
05h
DSL2
W
11
10
9
8
7
6
5
4
3
2
1 *
0 *
B
06h
DSA1
W
11
-
-
-
-
-
-
-
-
-
-
-
B
07h
DSA2
W
11
-
-
-
-
-
-
-
-
-
-
-
B
08h
DSP
W
11
10
9
8
7
6
5
4
3
2
1
0
B
09h
DLD
W
11
10
9
8
7
6
5
4
3
2
1
0
B
0Ah
N/A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0Bh
N/A
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Default : 0
* : fixed at 0
** : refer to P.15 about reset
- : not affected even when data is written


Similar Part No. - BD8256EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8256EFV-M ROHM-BD8256EFV-M Datasheet
1Mb / 50P
   Built-in Serial Peripheral Interface
More results

Similar Description - BD8256EFV-ME2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD8205EFV-M ROHM-BD8205EFV-M Datasheet
1Mb / 23P
   5ch System Motor Driver for Car AV
BD8253EFV-M ROHM-BD8253EFV-M Datasheet
3Mb / 41P
   6ch System Motor Driver for Car AV
BD8255MUV-M ROHM-BD8255MUV-M_16 Datasheet
3Mb / 45P
   6ch System Motor Driver For Car AV
BD8271EFV ROHM-BD8271EFV Datasheet
857Kb / 25P
   3ch System Motor Driver For Car Audio
BD8266EFV-M ROHM-BD8266EFV-M_16 Datasheet
1Mb / 27P
   4ch System Motor Driver for Car Audio
BD8226EFV ROHM-BD8226EFV_13 Datasheet
920Kb / 20P
   4ch System Motor Driver For Car Audio
logo
Sanyo Semicon Device
LA5657H SANYO-LA5657H Datasheet
104Kb / 8P
   System Power Supply IC for Car AV Systems
logo
Rohm
BD64547MUV ROHM-BD64547MUV Datasheet
1Mb / 39P
   System Motor Driver
BD64008MUV ROHM-BD64008MUV Datasheet
1Mb / 39P
   System Motor Driver
logo
Sanyo Semicon Device
LV8212T SANYO-LV8212T Datasheet
154Kb / 13P
   System Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com