Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7931F-E2 Datasheet(PDF) 2 Page - Rohm

Part # BD7931F-E2
Description  0.5 Amp or Less Reversible Motor Drivers (Single Motor)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7931F-E2 Datasheet(HTML) 2 Page - Rohm

  BD7931F-E2 Datasheet HTML 1Page - Rohm BD7931F-E2 Datasheet HTML 2Page - Rohm BD7931F-E2 Datasheet HTML 3Page - Rohm BD7931F-E2 Datasheet HTML 4Page - Rohm BD7931F-E2 Datasheet HTML 5Page - Rohm BD7931F-E2 Datasheet HTML 6Page - Rohm BD7931F-E2 Datasheet HTML 7Page - Rohm BD7931F-E2 Datasheet HTML 8Page - Rohm BD7931F-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
BH6578FVM
BD7931F
2/13
TSZ02201-0H5H0BK01500-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
04.Nov.2015 Rev.001
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
BH6578FVM
BD7931F
Supply Voltage
VCC
7
15
V
Power Dissipation
Pd
0.55 (Note 1)
0.69 (Note 2)
W
Operating Temperature
Topr
-35 to +85
-40 to +85
°C
Storage Temperature
Tstg
-55 to +150
°C
Output Current
IOUT
500
mA
Junction Temperature
Tjmax
150
°C
(Note 1) When 70 mm x 70 mm x 1.6 mm thick glass epoxy substrate with less than 3% copper foil occupancy ratio is mounted.
When used at Ta=25°C or higher, derated at 4.4 mW/°C.
(Note 2) When 70 mm x 70 mm x 1.6 mm thick glass epoxy substrate with less than 3% copper foil occupancy ratio is mounted.
When used at Ta=25°C or higher, derated at 5.5 mW/°C.
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated over
the absolute maximum ratings.
Recommended Operating Conditions
Parameter
Symbol
BH6578FVM
BD7931F
単位
Min
Typ
Max
Min
Typ
Max
Supply Voltage
VCC
4.5
5
5.5
4.5
8
14
V
Truth Table
BH6578FVM, BD7931F
INPUT
OUTPUT
Function
INFWD
INREV
OUT+
OUT-
L
L
Hi-Z
Hi-Z
High Impedance
L
H
L
H
REV mode
H
L
H
L
FWD mode
H
H
L
L
Brake mode
Hi-Z : Hi-impedance


Similar Part No. - BD7931F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
More results

Similar Description - BD7931F-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7931F-E2 ROHM-BD7931F-E2 Datasheet
396Kb / 11P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BH6578FVM ROHM-BH6578FVM_11 Datasheet
253Kb / 9P
   0.5A or Less Reversible Motor Drivers (Single Moter)
BA6950FS ROHM-BA6950FS_10 Datasheet
272Kb / 10P
   Reversible Motor Drivers for 0.8A or less (1 Motor)
BA6950FS ROHM-BA6950FS_11 Datasheet
307Kb / 11P
   0.5A or Less Reversible Motor Driver (Single Motor)
BA6219BFP ROHM-BA6219BFP Datasheet
419Kb / 13P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6219BFP-Y ROHM-BA6219BFP-Y_11 Datasheet
278Kb / 11P
   2.0A or More Reversible Motor Drivers (Single Motor)
BA6956AN ROHM-BA6956AN_11 Datasheet
335Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6287F-E2 ROHM-BA6287F-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6920FP-YE2 ROHM-BA6920FP-YE2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
BA6285FS-E2 ROHM-BA6285FS-E2 Datasheet
325Kb / 18P
   1.0A Reversible Motor Drivers (Single Motor)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com