Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM92T10MWV-E2 Datasheet(PDF) 11 Page - Rohm

Part # BM92T10MWV-E2
Description  Type-C USB Power Delivery Controller
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM92T10MWV-E2 Datasheet(HTML) 11 Page - Rohm

Back Button BM92T10MWV-E2 Datasheet HTML 7Page - Rohm BM92T10MWV-E2 Datasheet HTML 8Page - Rohm BM92T10MWV-E2 Datasheet HTML 9Page - Rohm BM92T10MWV-E2 Datasheet HTML 10Page - Rohm BM92T10MWV-E2 Datasheet HTML 11Page - Rohm BM92T10MWV-E2 Datasheet HTML 12Page - Rohm BM92T10MWV-E2 Datasheet HTML 13Page - Rohm BM92T10MWV-E2 Datasheet HTML 14Page - Rohm BM92T10MWV-E2 Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
BM92T10MWV
11/27
TSZ02201-0232AA000180 -1-2
30, Jul.2015, Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111 • 15 • 001
www.rohm.com
5.4
Digital Pin DC Characteristics
Table5-4. Digital Pin DC Characteristics
Electrical Characteristics (Ta=25
°C, VSVR=3.3V, VB=open, VEX=open, VDDIO=3.3V, VCCIN=VSVR)
Item
Symbol
Limit
Unit
Comment
Min
Typ
Max
[Digital characteristics Power: VDDIO]
(Input Digital Pins: SMCLK, DBGRSTCK)
(Input/ Output Pins: GPIO0, GPIO1, SMDATA, DBGMODDT )
Input "H" level (SMCLK, SMDATA)
VIH1
0.8×
VDDIO
-
VDDIO+0
.3
V
Input "L" level (SMCLK, SMDATA)
VIL1
-0.3
-
0.2×
VDDIO
V
Input leak current (SMCLK, SMDATA)
IIC1
-5
0
5
μA
Power: VDDIO
Input "H" level (other Digital input)
VIH2
0.8×
VDDIO
-
VDDIO+0
.3
V
Input "L" level
(other Digital input)
VIL2
-0.3
-
0.2×
VDDIO
V
Input leak current
(other Digital input)
IIC2
-1
0
1
μA
Power: VDDIO
SMDATA pin "L" level voltage
VOL
SMDATA
-
-
0.4
V
IOL=350uA Max
Output Voltage when “L”
(other Digital output)
VOL1
-
-
0.3
V
Source=1mA
OFF Leakage Current
(other Digital output)
IIOFF1
-3
-
3
μA
VIN=VDDIO
[Digital characteristics Power: VCCIN]
(Input Digital Pins: XRST)
(Input/ Output Pins:GPIO4, GPIO5, GPIO6, GPIO7)
(Output Pins: GPO2/VDIV, GPO3/FB)
Input "H" level (XRST,GPIOs)
VIH3
0.8×
VCCIN
-
VCCIN+0.
3
V
Input "H" level(XRST,GPIOs)
VIH3
0.8×
VCCIN
-
VCCIN+0.
3
V
Input "L" level (XRST,GPIOs)
VIL3
-0.3
-
0.2×
VDDIO
V
Input leak current (XRST,GPIOs)
IIC3
-5
0
5
μA
Power: VCCIN
Input "H" level (other Digital input)
VIH4
0.8×
VDDIO
-
VDDIO+0
.3
V
Input "L" level
(other Digital input)
VIL4
-0.3
-
0.2×
VDDIO
V
Power: VCCIN
Input leak current
(other Digital input)
IIC4
-1
0
1
μA
Output Voltage when “L”
(other Digital output)
VOL2
-
-
0.3
V
Source=1mA
OFF Leakage Current
(other Digital output)
IIOFF2
-3
-
3
μA
VIN=VCCIN
CSENSEP=CSENS
EN=VCCIN


Similar Part No. - BM92T10MWV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92T20MWV ROHM-BM92T20MWV Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
BM92T20MWV-E2 ROHM-BM92T20MWV-E2 Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T30MWV-E2 ROHM-BM92T30MWV-E2 Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92T50MWV ROHM-BM92T50MWV Datasheet
1Mb / 32P
   Type-C USB Power Delivery Controller
More results

Similar Description - BM92T10MWV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM92A50MWV ROHM-BM92A50MWV Datasheet
1Mb / 35P
   USB Type-C Power Delivery Controller
BM92A15MWV-Z ROHM-BM92A15MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BM92A30MWV-Z ROHM-BM92A30MWV-Z Datasheet
1Mb / 31P
   USB Type-C Power Delivery Controller
BD93E70GWL ROHM-BD93E70GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A11MWV-Z ROHM-BM92A11MWV-Z Datasheet
1Mb / 36P
   USB Type-C Power Delivery Controller
06.Mar.2017 Rev.002
BM92T30MWV ROHM-BM92T30MWV Datasheet
1Mb / 31P
   Type-C USB Power Delivery Controller
BM92A20MWV-Z ROHM-BM92A20MWV-Z Datasheet
2Mb / 31P
   USB Type-C Power Delivery Controller
BM92A14MWV-Z ROHM-BM92A14MWV-Z Datasheet
1Mb / 37P
   USB Type-C Power Delivery Controller
BD93E30GWL ROHM-BD93E30GWL Datasheet
910Kb / 21P
   USB Type-C Power Delivery Controller
11.Mar.2021 Rev.001
BM92A20MWV ROHM-BM92A20MWV Datasheet
1Mb / 33P
   USB Type-C Power Delivery Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com