Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM67221FV-C Datasheet(PDF) 1 Page - Rohm

Part # BM67221FV-C
Description  High Speed Digital Isolator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM67221FV-C Datasheet(HTML) 1 Page - Rohm

  BM67221FV-C Datasheet HTML 1Page - Rohm BM67221FV-C Datasheet HTML 2Page - Rohm BM67221FV-C Datasheet HTML 3Page - Rohm BM67221FV-C Datasheet HTML 4Page - Rohm BM67221FV-C Datasheet HTML 5Page - Rohm BM67221FV-C Datasheet HTML 6Page - Rohm BM67221FV-C Datasheet HTML 7Page - Rohm BM67221FV-C Datasheet HTML 8Page - Rohm BM67221FV-C Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
○Products structure: Silicon hybrid integrated circuit ○This product has no designed protection against radioactive rays.
1/24
TSZ02201-0727ABG00020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
25.Dec.2015 Rev.006
http://www.rohm.co.jp
TSZ22111・14・001
TSZ22111・14・001
High Speed Digital Isolator
2500 Vrms 2ch
BM67221FV-C
General Description
The BM67221FV-C is a high-speed isolator IC used in
electric vehicles and hybrid vehicles. This IC features
dielectric strength of 2500 Vrms between I/O. Maximum
propagation delay time is 45 ns.
Features
1. Dielectric strength of 2500 Vrms between I/O
2. Maximum propagation delay time of 45 ns
3. Built-in 2ch bi-directional propagation
4. AEC-Q100 Qualified
5. UL1577 Recognized:File No. E356010
Applications
Propagation of logic signal within electric and hybrid
vehicles
Key Specification
 Supply Voltage Range:
4.5V to 5.5V
 Propagation Delay:
45ns (Max)
 Stand-by Current:
0μA (Typ)
 Operating Temperature Range:
-40°C to +125°C
Package
W(Typ) x D(Typ) x H(Max)
Typical Application Circuit
Figure 1. BM67221FV-C
Application Example
SSOP-B20W
6.50mm x 8.10mm x 2.01mm
OUT1
IN2
IN1
EN2
EN1
VCC2
SSOP-B20W
* Please connect bypass capacitor directly to the IC pin.
13
TEN2
GND2
OUT1
IN2
9
GND1
20
6
IN1
15
OUT2
16
5
S
R
Q
pulse
generator
pulse
generator
S
R
Q
pulse
generator
pulse
generator
VCC1
4
VCC2
17
11
2
UVLO
UVLO
8
TEN1
7
EN1
EN2
14
TEN2
13
LVG.
HVG.
HVG.
LVG.
*
*
Datasheet


Similar Part No. - BM67221FV-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BM67220FV-C ROHM-BM67220FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
BM67220FV-CE2 ROHM-BM67220FV-CE2 Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
BM67220FV-E2 ROHM-BM67220FV-E2 Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
More results

Similar Description - BM67221FV-C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
   High Speed Dual Digital Isolator
logo
ON Semiconductor
NCID9301 ONSEMI-NCID9301 Datasheet
286Kb / 16P
   High Speed 3-Channel Digital Isolator
January, 2022 - Rev. 0
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Rohm
BM67220FV-C ROHM-BM67220FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
   High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
logo
Texas Instruments
ISO7731B TI1-ISO7731B Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Basic Insulation Triple-Channel Digital Isolator
logo
Renesas Technology Corp
ISL71710M RENESAS-ISL71710M Datasheet
2Mb / 26P
   Radiation Tolerant Active-Input High Speed Digital Isolator
Mar 11, 2021
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com