Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BM67221FV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BM67221FV-E2
Description  High Speed Digital Isolator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BM67221FV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BM67221FV-E2 Datasheet HTML 6Page - Rohm BM67221FV-E2 Datasheet HTML 7Page - Rohm BM67221FV-E2 Datasheet HTML 8Page - Rohm BM67221FV-E2 Datasheet HTML 9Page - Rohm BM67221FV-E2 Datasheet HTML 10Page - Rohm BM67221FV-E2 Datasheet HTML 11Page - Rohm BM67221FV-E2 Datasheet HTML 12Page - Rohm BM67221FV-E2 Datasheet HTML 13Page - Rohm BM67221FV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10/24
BM67221FV-C
TSZ02201-0727ABG00020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
25.Dec.2015 Rev.006
http://www.rohm.co.jp
TSZ22111・15・001
Electrical Characteristics (All values at Ta-40C to125C and VCC4.5V to 5.5V, unless otherwise specified)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
<Whole>
VCC1 Power Supply Current, Quiescent
ICC1STBY
-
0
10
µA
EN1 = 0
VCC2 Power Supply Current, Quiescent
ICC2STBY
-
0
10
µA
EN2 = 0
VCC1 Power Supply Current, DC
ICC1Q
-
0.21
0.42
mA
VIN = 0 or VCC
VCC2 Power Supply Current, DC
ICC2Q
-
0.21
0.42
mA
VIN = 0 or VCC
VCC1 Power Supply Current, 10kbps
ICC10k1
-
0.22
0.44
mA
fIN : 5kHz
VCC2 Power Supply Current, 10kbps
ICC10k2
-
0.22
0.44
mA
fIN : 5kHz
VCC1 Power Supply Current, 1Mbps
ICC1M1
-
0.86
2.00
mA
fIN : 500kHz
VCC2 Power Supply Current, 1Mbps
ICC1M2
-
0.86
2.00
mA
fIN : 500kHz
IN1,IN2 Input Inhibition Area
tIN
-
-
500(Note 7)
µs
<Output pin: OUT1 and OUT2>
High-level Output Voltage
VOH
VCC-0.5
VCC-0.3
VCC
V
IO=-4mA
Low-level Output Voltage
VOL
0
0.2
0.4
V
IO=4mA
(Note 7) Please do not switch the input signal IN1 and IN2 between tIN sections. Output may not match the logic input.
Figure 11.
IN1, IN2 Input Inhibition Area
VCC1
VCC2
EN1
EN2
TIN
tIN


Similar Part No. - BM67221FV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BM67220FV-C ROHM-BM67220FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
BM67220FV-CE2 ROHM-BM67220FV-CE2 Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
BM67220FV-E2 ROHM-BM67220FV-E2 Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
More results

Similar Description - BM67221FV-E2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL710 ETC1-IL710 Datasheet
149Kb / 7P
   High Speed Digital Isolator
IL711-2B ETC2-IL711-2B Datasheet
416Kb / 8P
   High Speed Dual Digital Isolator
logo
ON Semiconductor
NCID9301 ONSEMI-NCID9301 Datasheet
286Kb / 16P
   High Speed 3-Channel Digital Isolator
January, 2022 - Rev. 0
NCID9401 ONSEMI-NCID9401 Datasheet
296Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2020 ??Rev. P1
NCID9401 ONSEMI-NCID9401_V01 Datasheet
441Kb / 15P
   High Speed Quad-Channel Digital Isolator
August, 2022 - Rev. 1
logo
Rohm
BM67220FV-C ROHM-BM67220FV-C Datasheet
2Mb / 28P
   High Speed Digital Isolator 2500 Vrms 2ch
logo
ON Semiconductor
NCID9200 ONSEMI-NCID9200 Datasheet
242Kb / 12P
   High Speed Dual-Channel, Ceramic Digital Isolator
December, 2021 - Rev. P0
logo
Texas Instruments
ISO7731B TI1-ISO7731B Datasheet
1Mb / 38P
[Old version datasheet]   High-Speed, Basic Insulation Triple-Channel Digital Isolator
logo
Renesas Technology Corp
ISL71710M RENESAS-ISL71710M Datasheet
2Mb / 26P
   Radiation Tolerant Active-Input High Speed Digital Isolator
Mar 11, 2021
ISL71710SLHM RENESAS-ISL71710SLHM Datasheet
657Kb / 17P
   Radiation Hardened Active-Input High Speed Digital Isolator
Jul 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com