Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU21170MUV-E2 Datasheet(PDF) 10 Page - Rohm

Part # BU21170MUV-E2
Description  Capacitive Switch Controller IC
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU21170MUV-E2 Datasheet(HTML) 10 Page - Rohm

Back Button BU21170MUV-E2 Datasheet HTML 6Page - Rohm BU21170MUV-E2 Datasheet HTML 7Page - Rohm BU21170MUV-E2 Datasheet HTML 8Page - Rohm BU21170MUV-E2 Datasheet HTML 9Page - Rohm BU21170MUV-E2 Datasheet HTML 10Page - Rohm BU21170MUV-E2 Datasheet HTML 11Page - Rohm BU21170MUV-E2 Datasheet HTML 12Page - Rohm BU21170MUV-E2 Datasheet HTML 13Page - Rohm BU21170MUV-E2 Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
BU21170MUV
10/29
TSZ02201-0L5L0F300830-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
14.Jul.2016 Rev.002
www.rohm.com
TSZ22111・15・001
0xC0-0xCE : Sensor Settings】
Name:
SIN_CFG
Address:
0xC0 – 0xCE
Description:
These registers are for setting of each SIN sensor.
The settings are the thresholds (from On to Off, and from Off to On), the gain and the mask function of the
each switch operation (On / Off / Continuous touch).
GAIN_SIN*[3:0] : Setting for the gain :
This register is for setting the gain of AFE. The smaller the value of this register is, the higher the gain is.
Adjustment range : 0x1 ≤ GAIN_SIN ≤ 0xF
The sensor which setting value is 0 has no switch function.
ON_TH_SIN*[7:0] : The threshold from Off to On :
This register is the threshold from Off to On. This value is compared to the register SIN_DATA. If the value
of this register is larger than SIN_DATA, the On operation is detected.
OFF_TH_SIN*[7:0] : The threshold from On to Off :
This register is the threshold from On to Off. This value is compared to the register SIN_DATA. If the value
of this register is smaller than SIN_DATA, the Off operation is detected.
Adjustment range : 0x00 < OFF_SIN* < ON_SIN* < 0xFF
The sensor which setting value is out of this range is unusable for switch operation.
MSK_ON_SIN*, MSK_OFF_SIN*, MSK_CONT_SIN* : Mask for the switch operation :
This register is the mask function of the each switch operation (On / Off / Continuous touch).
If the mask function is enabled, the register for detection of switch operation is disabled.
1 : Mask function is enable. 0 : Mask function is disable (default).
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xC0
-
MSK_CONT_SIN0
MSK_OFF_SIN0
MSK_ON_SIN0
GAIN_SIN0[3:0]
0xC1
ON_TH_SIN0[7:0]
0xC2
OFF_TH_SIN0[7:0]
0xC3
-
MSK_CONT_SIN1
MSK_OFF_SIN1
MSK_ON_SIN1
GAIN_SIN1[3:0]
0xC4
ON_TH_SIN1[7:0]
0xC5
OFF_TH_SIN1[7:0]
0xC6
-
MSK_CONT_SIN2
MSK_OFF_SIN2
MSK_ON_SIN2
GAIN_SIN2[3:0]
0xC7
ON_TH_SIN2[7:0]
0xC8
OFF_TH_SIN2[7:0]
0xC9
-
MSK_CONT_SIN3
MSK_OFF_SIN3
MSK_ON_SIN3
GAIN_SIN3[3:0]
0xCA
ON_TH_SIN3[7:0]
0xCB
OFF_TH_SIN3[7:0]
0xCC
-
MSK_CONT_SIN4
MSK_OFF_SIN4
MSK_ON_SIN4
GAIN_SIN4[3:0]
0xCD
ON_TH_SIN4[7:0]
0xCE
OFF_TH_SIN4[7:0]
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Initial val.
0
0
0
0
0
0
0
0
0xCF :Monitor activity of the sensor】
Name:
MONI_ACT
Address:
0xCF
Description:
This register is used to select whether to monitor the register ACT (scan enable bit at the address 0xFF).
The monitor’s purpose is to prevent erroneous stop of detection of the AFE.
If the state that the AFE scan is stopped in the case that the monitor function is enabled is detected, the
AFE scan will be self-restarted.
Monitor function is executed about 300 msec.
1 : Monitor function is enabled. 0 : Monitor function is disabled (default).
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
0xCF
-
-
-
-
-
-
-
MONI_ACT
R/W
-
-
-
-
-
-
-
R/W
Initial val.
0
0
0
0
0
0
0
0


Similar Part No. - BU21170MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU2112F ROHM-BU2112F Datasheet
242Kb / 3P
   MonolithicICs
BU2114 ROHM-BU2114 Datasheet
115Kb / 8P
   8-bit shift register and latch driver
BU2114F ROHM-BU2114F Datasheet
115Kb / 8P
   8-bit shift register and latch driver
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
More results

Similar Description - BU21170MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV Datasheet
680Kb / 17P
   Capacitive Switch Controller ICs
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21050FS ROHM-BU21050FS Datasheet
315Kb / 8P
   Capacitive Sensor Switch Control IC
BU21008MUV ROHM-BU21008MUV Datasheet
698Kb / 17P
   Capacitive Sensor Switch Control IC
BU21010MUV ROHM-BU21010MUV Datasheet
342Kb / 15P
   Capacitive Sensor Switch Control IC
BU21051FS ROHM-BU21051FS Datasheet
274Kb / 7P
   Capacitive Sensor Switch Control IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com