Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BU64241GWZ Datasheet(PDF) 7 Page - Rohm

Part # BU64241GWZ
Description  Linear Constant Current VCM Driver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU64241GWZ Datasheet(HTML) 7 Page - Rohm

Back Button BU64241GWZ Datasheet HTML 3Page - Rohm BU64241GWZ Datasheet HTML 4Page - Rohm BU64241GWZ Datasheet HTML 5Page - Rohm BU64241GWZ Datasheet HTML 6Page - Rohm BU64241GWZ Datasheet HTML 7Page - Rohm BU64241GWZ Datasheet HTML 8Page - Rohm BU64241GWZ Datasheet HTML 9Page - Rohm BU64241GWZ Datasheet HTML 10Page - Rohm BU64241GWZ Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Datasheet
Datasheet
7/20
BU64241GWZ
© 2012 ROHM Co., Ltd. All rights reserved.
01. Jul. 2013 Rev.004
www.rohm.com
TSZ22111・15・001
TSZ02201-0H2H0B600460-1-2
●2-wire serial BUS Format (Fast mode SCL = 400 kHz)
●Register Update Timing
PS – Register is updated during the 2
nd ACK response during a 3 byte 2-wire serial command
EN – Register is updated during the 3
rd ACK response during a 3 byte 2-wire serial command
Wx – Register is updated during the 2
nd ACK response during a 3 byte 2-wire serial command
M – Register is updated during the 3
rd ACK response during a 3 byte 2-wire serial command
Dx – Register is updated during the 3
rd ACK response during a 3 byte 2-wire serial command
Note: Setting the external power save pin = VPSL (typically 0 V) will reset all 2-wire serial registers to 0
Register name
Setting item
Description
R/W
Read/Write mode
0 = Write mode (0x18 address), 1 = Read mode (0x19 address)
PS
Serial power save
0 = Driver in standby mode, 1 = Driver in operating mode
EN
Driver output status
0 = Output is Hi-Z
1 = Constant current sink/sequence start
M
Mode select
M=0=ISRC mode disabled
M=1=ISRC mode enabled
W2W1W0
Register address
000b = Output current setting
001b = Parameter setting 1
010b = Parameter setting 2
011b = Parameter setting 3
100b = Parameter setting 4
D9 to D0
Data bits
Register data
Write mode(R/W = 0)
Output from Master
Output from Slave
S
00
01100 R/W APS EN W2 W1 W0 M D9 D8 A D7 D6 D5 D4 D3 D2 D1 D0 A
Read mode
S
00
011000
A PS EN W2 W1 W0 M
※※ A
S
00
011001
A PS EN W2 W1 W0 M CD9 CD8 A CD7 CD6 CD5 CD4 CD3 CD2 CD1 CD0 nA
S : start signal
P : stop signal
A : acknowledge
nA : non acknowledge
※ : Don't care
Update
Read
Write
Update W (register address)


Similar Part No. - BU64241GWZ

ManufacturerPart #DatasheetDescription
logo
Rohm
BU64240GWZ ROHM-BU64240GWZ Datasheet
146Kb / 6P
   Silicon Monolithic Integrated Circuit
More results

Similar Description - BU64241GWZ

ManufacturerPart #DatasheetDescription
logo
Maxic Technology Corpor...
MT7603 MAXIC-MT7603 Datasheet
98Kb / 1P
   Linear Constant - Current LED Driver
logo
E-CMOS Corporation
EC4211 E-CMOS-EC4211 Datasheet
482Kb / 8P
   Constant Current Linear LED Driver
logo
Maxic Technology Corpor...
MT7604 MAXIC-MT7604 Datasheet
99Kb / 1P
   Linear Constant - Current LED Driver
MT7652H MAXIC-MT7652H Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651H MAXIC-MT7651H Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
MT7651L MAXIC-MT7651L Datasheet
80Kb / 1P
   Linear Dimmable Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7135 HMSEMI-HM7135 Datasheet
420Kb / 7P
   Linear buck LED constant current driver
logo
Supertex, Inc
CL525 SUTEX-CL525 Datasheet
827Kb / 6P
   Linear, Fixed Constant Current LED Driver
logo
Maxic Technology Corpor...
MT7652L MAXIC-MT7652L Datasheet
79Kb / 1P
   Linear Dimmable Constant Current LED Driver
logo
Shenzhen Huazhimei Semi...
HM7164 HMSEMI-HM7164 Datasheet
515Kb / 6P
   Segmented linear constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com