Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMBJ5382A Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SMBJ5382A
Description  5W Surface Mount Silicon Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SMBJ5382A Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SMBJ5382A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SMBJ5382A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SMBJ5382A Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SMBJ5382A Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMBJ5333A --- SMBJ5388A
5W Surface Mount Silicon Zener Diodes
CASE: JEDEC DO-214AA Molded Plastic
Mounting Position: Any
Polarity: by cathode band
Terminal: solderable per MIL-STD-750, Method 2026
Notes:
1.
Lead temperature at 25oC = TL at mounting plane. Derate linearly above 25oC to zero power at 150oC
2.
Mounted on 5.0mm2 (0.03mm thick) Copper Pads to each terminal.
Zener Voltage 3.3V to 200V.
High Surge Current Capability
Low profile package.
Plastic material has UL flammability classification 94V-O
RoHS compliant in lead-free versions
Features
Mechanical Data
Maximum Ratings & Thermal Characteristics (Ratings at 25℃ ambient temperature unless otherwise specified.)
Power Dissipation
PD
W
Operating and Storage Temperatures
TJ, TSTG
oC
Thermal Resistance
RθJL
oC/W
5
( note 1)
-55 to + 150
25
Parameter
Symbol
Value
Unit


Similar Part No. - SMBJ5382A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ5382A EIC-SMBJ5382A Datasheet
40Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
DONGGUAN YOU FENG WEI E...
SMBJ5382A YFWDIODE-SMBJ5382A Datasheet
377Kb / 3P
   Silicon Planar Zener Diodes
More results

Similar Description - SMBJ5382A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N5333B STMICROELECTRONICS-1N5333B Datasheet
208Kb / 5P
   5W SILICON ZENER DIODES
logo
Shanghai Leiditech Elec...
1N5338B LEIDITECH-1N5338B Datasheet
674Kb / 3P
   5W silicon zener diodes
logo
Diotech Company.
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Jinan Jing Heng Electro...
1N5342 JINGHENG-1N5342 Datasheet
69Kb / 2P
   5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N5342 JINANJINGHENG-1N5342 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
1N5388 JINANJINGHENG-1N5388 Datasheet
281Kb / 3P
   5W SILICON PLANAR ZENER DIODES
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com