Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS125U Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SS125U
Description  Schottky Brrier Chip
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SS125U Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SS125U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SS125U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
0.92
12U
SS12U
SS
28
CJ
A
STG
J
JL
@T =100
@T =25
@T =90
RRM
0
RECTIFIER
5
0.05
0.1
AMP
10
35
35A
plastic SMA
1)
SS12 U
0.9
0.82
T
140
105
70
56
0.50
200
150
100
80
80
60
35
40
40
THRU
SURFACE MOUNT SCHOTTKY BARRIER
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Surge Overload Rating to
Peak
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Molded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
20 30
50 60
V
Maximum RMS Voltage
VRMS
14 21
28
42
V
Maximum DC Blocking Voltage
VDC
20 30
50
V
Average Rectified Output Current
IO
1.0
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
@IF=1.0A
VFM
0.67
V
Peak Reverse Current
IR
mA
At Rated DC Blocking Voltage
Typical Junction Capacitance
(Note 2)
℃/W
Rθ
88
Operating Temperature Range
T
-55 to+150
Storage Temperature Range
-55 to +150
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
·
·
100 150
200
(Note
1.0
A
A
pF
Typical Thermal Resistance per leg
45
45
31
175
250
250
SS
SS
SS
SS SS
SS
SS
SS
SS
SS
13U 14U 145U 15U 16U 18U 110U 115U 120U 125U
5
5
SMA/DO-214AC
0.086(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Dimensions in inches and (millimeters)
0.010(0.25)
0.004(0.1)
www.dyelec.com


Similar Part No. - SS125U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SS125 DYELEC-SS125 Datasheet
1Mb / 2P
   Ideally Suited for Automatic Assembly
More results

Similar Description - SS125U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
S12 DYELEC-S12 Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS22T DYELEC-SS22T Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS32 DYELEC-SS32 Datasheet
1Mb / 2P
   Schottky Brrier Chip
KMB22F DYELEC-KMB22F Datasheet
1Mb / 2P
   Schottky Brrier Chip
KMB12F DYELEC-KMB12F Datasheet
1Mb / 2P
   Schottky Brrier Chip
S52 DYELEC-S52 Datasheet
1Mb / 2P
   Schottky Brrier Chip
KMB32M DYELEC-KMB32M Datasheet
1Mb / 2P
   Schottky Brrier Chip
S22U DYELEC-S22U Datasheet
1Mb / 2P
   Schottky Brrier Chip
SS52T DYELEC-SS52T Datasheet
1Mb / 2P
   Schottky Brrier Chip
logo
Shanghai Sunrise Electr...
RB411 SSE-RB411 Datasheet
636Kb / 1P
   500mA Schottky Brrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com