Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SS525U Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SS525U
Description  Low Power Loss,High Efficiency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SS525U Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SS525U Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SS525U Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
110
45
SMA/DO-214AC
28
CJ
JA
RECTIFIER
RRM
@T =100
@T =25
@T =90
0
200
5
0.05
0.1
5.0
10
110A
plastic SMA
1)
SS52U
@IF=5.0A
SS SS SS SS
SS
SS
SS
SS
SS
5.0
0.95
0.90
0.82
T
140
105
70
56
0.53
150
100
80
80
60
35
40
40
STG
THRU
SURFACE MOUNT SCHOTTKY BARRIER
Features
Schottky Brrier Chip
Low Power Loss,High Efficiency
·
Ideally Suited for Automatic Assembly
·
Surge Overload Rating to
Peak
·
Plastic Case Material has UL Flammability
Classification Rating 94V-
Mechanical Data
·
Case: Moeded
·
Terminals: Plated leads solderable per
MIL-STD-750,Method 2026 guaranteed
·
Polarity: Color band denotes cathode end
·
Mounting Position: Any
·
Making: Type Number
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ ambient temperature unless otherwise specified
Single phase,half wave,60Hz,resistive or inductive load
For capacitive load derate current by 20%
Type Number
SYMBOL
Unit
Maximum Recurrent Peak Reverse Voltage
V
20
30
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
42
V
Maximum DC Blocking Voltage
VDC
20 30
50
V
Average Rectified Output Current
IO
A
Peak Forward Surge Current 8.3ms Single half
sine-wave superimposed on rated load (JEDEC
Method)
IFSM
A
Forward Voltage
VFM
0.67
V
Peak Reverse Current
IR
mA
At Rated DC Blocking Voltage
Typical Junction Capacitance
(Note 2)
Rθ
88
Operating Temperature Range
TJ
-55 to+150
Storage Temperature Range
-55 to +150
Note: 1.Pulse Test with PW=300usec,1%Duty Cycle.
2.Mounted on P.C.Board with 5.0 mm²(0.13mm thick)copper pad areas.
version:01
1of2
www.sddydz.com
·
·
100
150 200
SS525U
(Note
AMP
A
A
A
/W
0.086(2.62)
0.059(1.50)
0.051(1.30)
0.110(2.80)
0.094(2.40)
0.181(4.60)
0.157(4.00)
0.079(2.00)
0.060(1.52)
0.030(0.76)
0.208(5.28)
0.188(4.80)
0.012(0.305)
0.006(0.150)
0.008(0.203)
0.002(0.051)
Dimensions in inches and (millimeters)
pF
Typical Thermal Resistance per leg
52U 53U 54U 545U 55U 56U 58U 510U 515U 520U 525U
SS
SS
31
45
250
175
250


Similar Part No. - SS525U

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SS525 DYELEC-SS525 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS525T DYELEC-SS525T Datasheet
1Mb / 2P
   Schottky Brrier Chip
More results

Similar Description - SS525U

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR20H200CT PANJIT-MBR20H200CT Datasheet
111Kb / 4P
   Low power loss, high efficiency.
logo
New Jersey Semi-Conduct...
MBR1635 NJSEMI-MBR1635 Datasheet
81Kb / 1P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
SS14L DYELEC-SS14L Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S22 DYELEC-S22 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
S32 DYELEC-S32 Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
SS32U DYELEC-SS32U Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
logo
Sangdest Microelectroni...
SK32BF SMC-SK32BF Datasheet
252Kb / 4P
   Low power loss, high efficiency
logo
DIYI Electronic Technol...
KMB32S DYELEC-KMB32S Datasheet
1Mb / 2P
   Low Power Loss,High Efficiency
MUR810 DYELEC-MUR810 Datasheet
789Kb / 3P
   Low power loss, high efficiency
logo
Micro Commercial Compon...
MBR10U60 MCC-MBR10U60 Datasheet
466Kb / 3P
   Low Power loss, High efficiency
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com