Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

U1A Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # U1A
Description  1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

U1A Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  U1A Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. U1A Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
(V)
REVERSE VOLTAGE((
US1G-US1J
40 60 80 1000
FIG.5TYPICAL REVERSE CHRACTERISTICS
FIG.4TYPICAL JUNCTION CAPACITANCE
version:01
2of2
FIG.1 MAXIMUM AVERAGE FORWARD CURRENT DERATING
0
0
0.5
1.0
1.5
20
40
60
80
100
120
140
160
180
NUMBER OF CYCLES AT 60Hz
1
2
46
8 10
20
5
20
15
10
30
25
35
FIG.3MAXIMUM NON-REPEITIVE SURGE CURRENT
0.1
1
10
100
1.0
10
100
T=25 C
f=1.0MHz
Vsig=50mVp-p
J
O
0.1
20
40
60
80
100
120
140
1.0
10
100
1000
T= 150 C
A
O
T= 100 C
A
O
T= 25 C
A
O
FIG.1MAXIMUM AVERAGE FORWARD CURRENT DERATING
FIG.2TYPICAL FORWARD CHARACTERISTICS
HER205
.
PULSE WIDTH 300us
TA = 25
°
10
0
0.1
1.0
0.01
0.2
0.6
0.4
4
0.8
1.2
1.6
1.4
1.8
1.0
U1A-U1D
U1G-
U1J
U1K-U1M
INSTANEOUS FORWARD VOLTAGE,(V)
PERCENT OF RATED PEAK INVERSE VOLTGE
U1M
U1A THRU
www.dyelec.com
T , LEAD TEMPERATURE (ºC)
L


Similar Part No. - U1A

ManufacturerPart #DatasheetDescription
logo
Yea Shin Technology Co....
U1A YEASHIN-U1A Datasheet
56Kb / 2P
   Surface Mount Ultrafast Rectifiers
logo
Jinan Jing Heng Electro...
U1A JINGHENG-U1A Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION
logo
SUNMATE electronic Co.,...
U1A SUNMATE-U1A Datasheet
486Kb / 2P
   SURFACE MOUNT ULTRAFAST RECTIFIE DIODES
logo
First Silicon Co., Ltd
U1A FS-U1A Datasheet
111Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
logo
SAMYANG ELECTRONICS CO....
U1A SAMYANG-U1A Datasheet
993Kb / 2P
   HIGH EFFICIENCY RECTIFIER
More results

Similar Description - U1A

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
US1A DYELEC-US1A Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
U1AU DYELEC-U1AU Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
US1AU DYELEC-US1AU Datasheet
1Mb / 2P
   1.0AMP ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
UF4001 CHONGQING-UF4001_16 Datasheet
193Kb / 1P
   1.0AMP. SILICON ULTRA FAST RECTIFIER
logo
Sirectifier Global Corp...
UF4001 SIRECT-UF4001 Datasheet
187Kb / 2P
   Ultra Fast Recovery Rectifier - 1.0Amp 50~1000Volt
logo
DIYI Electronic Technol...
US1AL DYELEC-US1AL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1AUL DYELEC-US1AUL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
US1ANL DYELEC-US1ANL Datasheet
1Mb / 2P
   SINGLE PHASE 1.0AMP SURFACE MOUNT ULTRA FAST RECOVERY RECTIFIER
logo
Diotech Company.
UF5400 DIOTECH-UF5400 Datasheet
667Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
logo
Central Semiconductor C...
CMR2U-06 CENTRAL-CMR2U-06_15 Datasheet
296Kb / 2P
   ULTRA FAST RECOVERY SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com