Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2675LDX-ADJ Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2675LDX-ADJ
Description  SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2675LDX-ADJ Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2675LDX-ADJ Datasheet HTML 3Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 4Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 5Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 6Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 7Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 8Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 9Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 10Page - National Semiconductor (TI) LM2675LDX-ADJ Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
Typical Performance Characteristics (Continued)
Dropout Voltage — 3.3V Option
Dropout Voltage — 5.0V Option
01280315
01280316
Block Diagram
01280317
* Active Inductor Patent Number 5,514,947
† Active Capacitor Patent Number 5,382,918
FIGURE 1.
www.national.com
7


Similar Part No. - LM2675LDX-ADJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2675LDX-ADJ NSC-LM2675LDX-ADJ Datasheet
913Kb / 26P
   SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
Texas Instruments
LM2675LDX-ADJ TI-LM2675LDX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675LDX-ADJ TI1-LM2675LDX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER짰 Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675LDX-ADJ TI-LM2675LDX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675LDX-ADJ TI-LM2675LDX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
More results

Similar Description - LM2675LDX-ADJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2675M-5 TI1-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2675MX-5 TI1-LM2675MX-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2675EP NSC-LM2675EP Datasheet
511Kb / 25P
   Enhanced Plastic SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator
LM2672 NSC-LM2672 Datasheet
415Kb / 25P
   SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2675M-5 TI-LM2675M-5 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-ADJ TI-LM2675MX-ADJ Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675M-33 TI-LM2675M-33 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2675MX-5.0 TI-LM2675MX-5.0 Datasheet
1Mb / 30P
[Old version datasheet]   LM2675 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
LM2672M-ADJ TI-LM2672M-ADJ Datasheet
1Mb / 33P
[Old version datasheet]   LM2672 SIMPLE SWITCHER Power Converter High Efficiency 1A Step-Down Voltage
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com