Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2722M Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2722M
Description  High Speed Synchronous/Asynchronous MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2722M Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM2722M Datasheet HTML 1Page - National Semiconductor (TI) LM2722M Datasheet HTML 2Page - National Semiconductor (TI) LM2722M Datasheet HTML 3Page - National Semiconductor (TI) LM2722M Datasheet HTML 4Page - National Semiconductor (TI) LM2722M Datasheet HTML 5Page - National Semiconductor (TI) LM2722M Datasheet HTML 6Page - National Semiconductor (TI) LM2722M Datasheet HTML 7Page - National Semiconductor (TI) LM2722M Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Electrical Characteristics (Continued)
VCC = CBOOT = 5V, SW = GND = 0V, unless otherwise specified. Typicals and limits appearing in plain type apply for T
A =
T
J = +25˚C. Limits appearing in boldface type apply over the entire operating temperature range.
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
leak_EN
SYNC_EN Pin Leakage
Current
EN=5V
−2
2
µA
EN=0V
−2
2
t
on_min
Minimum Positive Input
Pulse Width
(Note 4)
55
ns
t
off_min
Minimum Negative Input
Pulse Width
(Note 5)
55
V
IH_PWM
PWM_IN High Level Input
Voltage
When PWM_IN pin goes
high from 0V
2.4
V
V
IL_PWM
PWM_IN Low Level Input
Voltage
When PWM_IN pin goes
low from 5V
0.8
Note 1: Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating ratings are conditions under which the device operates
correctly. Operating Ratings do not imply guaranteed performance limits.
Note 2: Maximum allowable power dissipation is a function of the maximum junction temperature, TJMAX, the junction-to-ambient thermal resistance, θJA, and the
ambient temperature, TA. The maximum allowable power dissipation at any ambient temperature is calculated using: PMAX =(TJMAX-TA)/ θJA. The junction-to-
ambient thermal resistance,
θJA, for the LM2722, it is 172˚C/W. For a TJMAX of 150˚C and TA of 25˚C, the maximum allowable power dissipation is 0.7W.
Note 3: ESD machine model susceptibility is 100V.
Note 4: If after a rising edge, a falling edge occurs sooner than the specified value, the IC may intermittently fail to turn on the bottom gate when the top gate is
off. As the falling edge occurs sooner and sooner, the driver may start to ignore the pulse and produce no output.
Note 5: If after a falling edge, a rising edge occurs sooner than the specified value, the IC may intermittently fail to turn on the top gate when the bottom gate is
off. As the rising edge occurs sooner and sooner, the driver may start to ignore the pulse and produce no output.
Timing Diagram
20028903
www.national.com
5


Similar Part No. - LM2722M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2722MX/NOPB TI-LM2722MX/NOPB Datasheet
843Kb / 16P
[Old version datasheet]   LM27222 High-Speed 4.5A Synchronous MOSFET Driver
More results

Similar Description - LM2722M

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC1218 SEMTECH-SC1218 Datasheet
395Kb / 12P
   High Speed Synchronous MOSFET Driver
logo
National Semiconductor ...
LM27222 NSC-LM27222 Datasheet
601Kb / 11P
   High-Speed 4.5A Synchronous MOSFET Driver
LM2724A NSC-LM2724A Datasheet
135Kb / 8P
   High Speed 3A Synchronous MOSFET Driver
logo
Semtech Corporation
SC1205 SEMTECH-SC1205 Datasheet
128Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET DRIVER
SC1205 SEMTECH-SC1205_04 Datasheet
254Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Samtec, Inc
SC1205CS SAMTEC-SC1205CS Datasheet
255Kb / 12P
   High Speed Synchronous Power MOSFET Driver
logo
Semtech Corporation
SC1405 SEMTECH-SC1405 Datasheet
133Kb / 12P
   HIGH SPEED SYNCHRONOUS POWER MOSFET SMART DRIVER
SC1211 SEMTECH-SC1211 Datasheet
270Kb / 11P
   High Speed, Combi-SenseTM Synchronous MOSFET Driver
SC1405B SEMTECH-SC1405B Datasheet
261Kb / 13P
   High Speed Synchronous Power MOSFET Smart Driver
logo
Linear Technology
LTC4449 LINER-LTC4449 Datasheet
169Kb / 12P
   High Speed Synchronous N-Channel MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com