Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA2336P Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA2336P
Description  SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA2336P Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA2336P Datasheet HTML 1Page - Burr-Brown (TI) OPA2336P Datasheet HTML 2Page - Burr-Brown (TI) OPA2336P Datasheet HTML 3Page - Burr-Brown (TI) OPA2336P Datasheet HTML 4Page - Burr-Brown (TI) OPA2336P Datasheet HTML 5Page - Burr-Brown (TI) OPA2336P Datasheet HTML 6Page - Burr-Brown (TI) OPA2336P Datasheet HTML 7Page - Burr-Brown (TI) OPA2336P Datasheet HTML 8Page - Burr-Brown (TI) OPA2336P Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
OPA336, 2336, 4336
4
SBOS068B
www.ti.com
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, and RL = 25kΩ connected to VS/2, unless otherwise noted.
OPEN-LOOP GAIN/PHASE vs FREQUENCY
1
100
80
60
40
20
0
–20
0
–45
–90
–135
–180
Frequency (Hz)
10
100
1k
10k
100k
1M
G
Φ
SHORT-CIRCUIT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
±6
±5
±4
±3
±2
±1
0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
+I
SC
–I
SC
POWER-SUPPLY and COMMON-MODE
REJECTION RATIO vs FREQUENCY
100
80
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
CMRR
PSRR
SHORT-CIRCUIT CURRENT vs TEMPERATURE
Temperature (
°C)
8
7
6
5
4
3
2
1
0
–75
–50
–25
0
25
50
75
100
125
V
S = +2.3V
V
S = +5V
–I
SC
+I
SC
+I
SC
–I
SC
QUIESCENT CURRENT vs SUPPLY VOLTAGE
Supply Voltage (V)
30
25
20
15
10
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Per Amplifier
QUIESCENT CURRENT vs TEMPERATURE
Temperature (
°C)
30
25
20
15
10
5
0
–75
–50
–25
0
25
50
75
100
125
V
S = +2.3V
V
S = +5V
Per Amplifier


Similar Part No. - OPA2336P

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA2336P BURR-BROWN-OPA2336P Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA2336P BURR-BROWN-OPA2336P Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA2336P TI1-OPA2336P Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
OPA2336P TI1-OPA2336P Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
logo
Burr-Brown (TI)
OPA2336PA BURR-BROWN-OPA2336PA Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
More results

Similar Description - OPA2336P

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA336 TI1-OPA336_17 Datasheet
1Mb / 27P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier Series
OPA336NA3K TI1-OPA336NA3K Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS microAmplifier ??Series
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336 Datasheet
275Kb / 8P
   SINGLE-SUPPLY, MicroPOWER CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
OPA244 BURR-BROWN-OPA244 Datasheet
224Kb / 11P
   MicroPower, Single-Supply OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA338NA250 TI1-OPA338NA250 Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Burr-Brown (TI)
OPA237 BURR-BROWN-OPA237_07 Datasheet
1Mb / 19P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier??Series
OPA337 BURR-BROWN-OPA337 Datasheet
179Kb / 9P
   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier ??Series
logo
Texas Instruments
OPA2337EA3K TI1-OPA2337EA3K Datasheet
1Mb / 25P
[Old version datasheet]   MicroSIZE, Single-Supply CMOS OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
National Semiconductor ...
OPA237 NSC-OPA237 Datasheet
1Mb / 22P
   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
logo
Texas Instruments
OPA237 TI1-OPA237 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE-SUPPLY OPERATIONAL AMPLIFIERS MicroAmplifier Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com