Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABF1510 Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # ABF1510
Description  SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

ABF1510 Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  ABF1510 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. ABF1510 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
version:01
ABF1510
ABF158
ABF156
ABF154
ABF152
ABF1 10
ABF1 2
plastic ABF
=40
RRM
0
@IF=1.5A
50
1.5
Features
· Glass passivated die construction
· Low forward voltage drop
· High current capability
· High surge current capability
· Designed for surface mount application
· Plastic material-UL flammability 94V-
Mechanical Data
· Case: SOPA-4, molded
· Terminals: plated leads solderable per
MIL-STD-202, Method 208
· Polarity: as marked on case
· Mounting position: Any
· Marking: type number
Maximum Ratings and Electrical Characteristics
Rating at 25℃ ambient temperature unless otherwise specified.
Single Phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
TYPE NUMBER
SYMBOL
UNITS
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
V
200
400
600
800
1000
V
VRWM
VDC
RMS Reverse Voltage
VRMS
140
280
420
560
700
V
Average Rectified Output Current
IO
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
A
Forward Voltage per element
VFM
1.1
V
Peak Reverse Current
At Rated DC Blocking Voltage
IR
5.0
500
uA
Typical Thermal Resistance per leg
RθJA
62.5
℃/W
RθJL
25
Operating and Storage Temperature Range
TJ,TSTG
-55to+150
1 of 2
SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
A
@T
=125
=25
A
@T
A
@T
THRU
0.039(1.0)
0.051(1.3)
0.032(0.7)
0.024(0.5)
0.189(4.8)
0.165(4.2)
0.181(4.6)
ABF
0.010(0.25)
0.006(0.15)
0.209(5.3)
0.268(6.8)
0.236(6.0)
0.165(4.2)
0.150(3.8)
Dimensions in inches and (millimeters)
0.268(6.8)
0.236(6.0)
5
5
www.dyelec.com


Similar Part No. - ABF1510

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
ABF1510 CHONGQING-ABF1510 Datasheet
216Kb / 2P
   SINGLE PHASE1.5AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Similar Description - ABF1510

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
DB151 DYELEC-DB151_16 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
EDB151S DYELEC-EDB151S Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S_17 Datasheet
3Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151 DYELEC-DB151 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
RDB151S DYELEC-RDB151S_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151 DYELEC-UDB151_17 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151S DYELEC-DB151S Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DB151S DYELEC-DB151S_16 Datasheet
2Mb / 3P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
ABS151 DYELEC-ABS151 Datasheet
1Mb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB151S DYELEC-UDB151S Datasheet
748Kb / 2P
   SINGLE PHASE 1.5AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com