Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT20100CT Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SBT20100CT
Description  20A LOW VF SCHOTTKY RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SBT20100CT Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SBT20100CT Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SBT20100CT Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SBT20100CT Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd. SBT20100CT Datasheet HTML 4Page - DIYI Electronic Technology Co., Ltd. SBT20100CT Datasheet HTML 5Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SBT20100CT
SBT20100FCT
SBT20100CK
SBT20100CG
20A LOW VF SCHOTTKY RECTIFIER
Features
Ultra Low Forward Voltage Drop
Excellent High Temperature Stability
Patented Super Barrier Rectifier Technology
Soft, Fast Switching Capability
Mechanical Data
Case: TO-220AB, ITO-220AB,TO-262AB,TO-263AB
Case Material: Molded Plastic, UL Flammability Classification
Rating 94V-0
Terminals: Matte Tin Finish annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
1 / 5
May.2015-REV.00
www.dyelec.com
Ordering Information
Part No.
Package
Packing
TO-220AB
50pcs / Tube
SBT20100CT
ITO-220AB
50pcs / Tube
SBT20100FCT
TO-262AB
50pcs / Tube
SBT20100CK
TO-263AB
50pcs / Tube
SBT20100CG
TO-263AB
800pcs / Reel
SBT20100CG
MAXIMUM RATINGS(TA=25oC unless otherwise noted)
Note : 1. Mounted on infinite heatsink.
PARAMETER
SYMBOL
VALUE
UNIT
Maximum repetitive peak reverse voltage
VRRM
100
V
Maximum average forward rectified current
per diode
per device
I F(AV)
20
10
A
Peak forward surge current 8.3ms single half sine-wave
superimposed on rated load
per diode
I FSM
120
A
Typical thermal resistance per diode
(Note 1)
RJC
2
o
C/W
Operating junction temperature range
TJ
-55 to + 150
o
C
Storage temperature range
TSTG
-55 to + 150
o
C
Maximum rms voltage
VRMS
70
V


Similar Part No. - SBT20100CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SBT20100CT PANJIT-SBT20100CT Datasheet
196Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
logo
SUNMATE electronic Co.,...
SBT20100CT SUNMATE-SBT20100CT Datasheet
623Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SBT20100CT PANJIT-SBT20100CT_16 Datasheet
413Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
SBT20100CT_T0_00001 PANJIT-SBT20100CT_T0_00001 Datasheet
413Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SBT20100CT

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
SBP20L40CT DYELEC-SBP20L40CT Datasheet
3Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45P DYELEC-SBP20V45P Datasheet
1Mb / 4P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L100CT DYELEC-SBT20L100CT Datasheet
1Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20L60CT DYELEC-SBP20L60CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V40CT DYELEC-SBP20V40CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT30L200CT DYELEC-SBT30L200CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L120CT DYELEC-SBT20L120CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBT20L200CT DYELEC-SBT20L200CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20L45CT DYELEC-SBP20L45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
SBP20V45CT DYELEC-SBP20V45CT Datasheet
2Mb / 5P
   20A LOW VF SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com