Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFF1030CT Datasheet(PDF) 1 Page - DIYI Electronic Technology Co., Ltd.

Part # SFF1030CT
Description  ULTRAFAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SFF1030CT Datasheet(HTML) 1 Page - DIYI Electronic Technology Co., Ltd.

  SFF1030CT Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SFF1030CT Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SFF1030CT Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SFF1010CT~SFF1060CT
ITO-220AB
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-
0.
Flame Retardant Epoxy Molding Compound.
Low power loss, high efficiency.
• High
surge capability
Ultra fast recovery time,high voltage.
Lead free in comply with EU RoHS.
MECHANICAL DATA
• Case:
ITO-220AB molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Mounting Position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
VOLTAGE
100 to 600 Volts
CURRENT
10 Amperes
ULTRAFAST RECOVERY RECTIFIERS
May.2015-REV.01
PAGE . 1
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
NOTES:
1. Measured at 1 MHz and applied reverse voltage of 4.0 VDC.
2. Reverse Recovery Test Conditions: IF=0.5A, IR=1A, Irr=0.25A.
3. Thermal resistance from Junction to case.
PARAMETER
SYMBOL
UNITS
Maximum Recurrent P eak Reverse Voltage
V
RRM
100
200
300
400
600
V
Maximum RMS Voltage
V
RMS
70
140
210
280
420
V
Maximum D C Blocking Voltage
V
DC
100
200
300
400
600
V
Maximum Average Fo rward C urrent at T
C = 1 0 0 C
O
F(AV )
I
10
A
Peak Fo rward S urge C urrent : 8.3ms si ngle half si ne-wave
superimposed on rated load (JEDEC method)
I
FSM
90
A
Maximum Forward Voltage at 5A
V
F
Maximum DC Reverse Current at Rated DC Blocking
Voltage
T
J=2 5
O
C
T
J=1 2 5
O
C
I
R
10
500
μ
A
Typical Junction C apacitance (Note 1)
C
J
1 7 0
1 3 0
pF
Maximum Reverse Recovery Time (Note 2 )
t
rr
3 5
ns
Typical Thermal Resistance (Note 3)
R
θ
JC
3.5
O
C /
W
Operating Junction and S torage Temperature Range
T
J,TSTG
-55 to +150
O
C
V
1
1 . 3
1 . 7
5 0 0
35 0
5 0 0
Low
foward voltage, high current capability.
www.dyelec.com
SFF1010CT
SFF1020CT
SFF1030CT
SFF1040CT
SFF1050CT
SFF1060CT


Similar Part No. - SFF1030CT

ManufacturerPart #DatasheetDescription
logo
Zibo Seno Electronic En...
SFF1030CT ZSELEC-SFF1030CT Datasheet
97Kb / 2P
   10.0A GLASS PASSIVATED SUPER FAST RECTIFIER
More results

Similar Description - SFF1030CT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1060 DYELEC-SF1060 Datasheet
623Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB1610CT DYELEC-MURB1610CT Datasheet
801Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
MURB2010CT DYELEC-MURB2010CT Datasheet
943Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com