Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF1050 Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # SF1050
Description  ULTRAFAST RECOVERY RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

SF1050 Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  SF1050 Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. SF1050 Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. SF1050 Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERISTIC CURVES
PAGE . 2
Fig.5 PEAK FORWARD SURGE CURRENT
NO. OF CYCLES AT
60Hz
1
10
100
15
30
45
60
75
90
105
Fig.3 FORWARD CHARACTERISTICS
Fig.1 FORWARD CURRENT DERATING CURVE
Fig.2 TYPICAL JUNCTION CAPACITANCES
Fig.4 TYPICAL REVERSE CHARACTERISTICS
FORWARD VOLTAGE, volts
REVERSE VOLTAGE, VOLTS
O
CASE TEMPERATURE, C
25
100
300
40
250
200
20
10
4
100
150
2
50
1
0
0
4.0
8.0
12.0
16.0
20.0
24.0
50
75
100
125
150
175
100
.01
1
10
0.2
0.4
0.6
0.8
1.0
1.2
1.6
1.4
1.8
SINGLE PHASE
HALF WAVE
60Hz
RESISTIVE OR
INDUCTIVE LOAD
100-200V
300-400V
J
T=25 C
O
1000
100
1.0
20
40
60
80 100
120
O
J
T= 25 C
O
J
T= 125 C
1
0.1
10
40
PERCENTAGE OF PEAK REVERSE VOLTAGE,%
500-600V
SF1010~SF1060
Jun,2015-REV.00
www.
dyelec.com


Similar Part No. - SF1050

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SF1050 LUGUANG-SF1050 Datasheet
175Kb / 2P
   Super Fast Rectifiers
logo
DIYI Electronic Technol...
SF1050 DYELEC-SF1050 Datasheet
858Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Microdiode Electronics ...
SF1050 CHENDA-SF1050 Datasheet
958Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
Zibo Seno Electronic En...
SF1050 ZSELEC-SF1050 Datasheet
98Kb / 2P
   10.0A GLASS PASSIVATED SUPERFAST RECTIFIER
logo
Comchip Technology
SF1050-G COMCHIP-SF1050-G Datasheet
76Kb / 3P
   SMD Super Fast Recovery Rectifiers
More results

Similar Description - SF1050

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
UF100S PANJIT-UF100S_07 Datasheet
44Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
UF4001 SEMTECH_ELEC-UF4001 Datasheet
188Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Pan Jit International I...
UF1600FCT PANJIT-UF1600FCT_09 Datasheet
95Kb / 2P
   ULTRAFAST RECOVERY RECTIFIERS
UF3006PT PANJIT-UF3006PT Datasheet
64Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB510 DYELEC-MURB510 Datasheet
785Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
SF1610CT DYELEC-SF1610CT Datasheet
665Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
logo
Rectron Semiconductor
MUR20120C RECTRON-MUR20120C Datasheet
212Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
MUR6060PT RECTRON-MUR6060PT Datasheet
231Kb / 4P
   ULTRAFAST RECOVERY RECTIFIERS
logo
DIYI Electronic Technol...
MURB1610CT DYELEC-MURB1610CT Datasheet
801Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
MURB2010CT DYELEC-MURB2010CT Datasheet
943Kb / 3P
   ULTRAFAST RECOVERY RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com