Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-812C35AMC-C2P-T2 Datasheet(PDF) 2 Page - Seiko Instruments Inc

Part # S-812C35AMC-C2P-T2
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C35AMC-C2P-T2 Datasheet(HTML) 2 Page - Seiko Instruments Inc

  S-812C35AMC-C2P-T2 Datasheet HTML 1Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Rev.1.0
S-812C Series
2
Seiko Instruments Inc.
„ Absolute Maximum Ratings
Table 1
(Ta=25
°C unless otherwise specified)
Item
Symbol
Absolute Maximum Rating
Units
Input voltage
VIN
18
V
VON/OFF
VSS-0.3 to 18
V
Output voltage
VOUT
VSS-0.3 to VIN+0.3
V
Power dissipation
PD
250(SOT-23-5),500 (SOT-89-5)
500(SOT-89-3),400(TO-92)
mW
Operating temperature range
Topr
-40 to +85
°C
Storage temperature range
Tstg
-40 to +125
°C
Note: Although the IC contains protection circuit against static electricity, excessive static electricity
or voltage which exceeds the limit of the protection circuit should not be applied to.
„ Selection Guide
Product Name
S-812C xx Axx - xxx - T2
IC orientation for taping specifications
Package code
MC: SOT-23-5
UA: SOT-89-3
UC: SOT-89-5
Y : TO-92
WI: WAFER
Product code
Function
A: No short-circuit protection and no power-off function
B: Short-circuit protection and power-off function
ON/OFF pin; Positive logic
Output voltage x 10
Table 2.1
Selection Guide
S-812CxxB series (Short-circuit protection and power-off fuction)
Output Voltage
SOT-23-5
SOT-89-5
2.0 V ± 2.0%
−−
3.0 V ± 2.0%
S-812C30BMC-C4K-T2
3.3 V ± 2.0%
−−
3.5 V ± 2.0%
−−
3.8 V ± 2.0%
−−
4.0 V ± 2.0%
−−
5.0 V ± 2.0%
S-812C50BMC-C5E-T2
Please contact our sales office for products with an output voltage not listed above.


Similar Part No. - S-812C35AMC-C2P-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C35AMC-C2PT2G SII-S-812C35AMC-C2PT2G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-812C35AMC-C2PT2X ABLIC-S-812C35AMC-C2PT2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C35AMC-C2P-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com