Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-812C35AMC-C2P-T2 Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-812C35AMC-C2P-T2
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C35AMC-C2P-T2 Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-812C35AMC-C2P-T2 Datasheet HTML 1Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 2Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 3Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 4Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-812C35AMC-C2P-T2 Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Rev.1.0
S-812C Series
4
Seiko Instruments Inc.
„ Pin Configuration
For details of package, refer to the attached drawing.
Table 3 Pin Assignment
1
23
4
5
SOT-23-5
Top view
Figure 2
Table 4 Pin Assignment
13
2
SOT-89-5
Top view
4
5
Figure 3
Table 5 Pin Assignment
1
SOT-89-3
Top view
3
2
Figure 4
Table 6 Pin Assignment
TO-92
Bottom view
13
2
Figure 5
Pin No.
Symbol
Description
1
VSS
GND pin
2VIN
Input voltage pin
3
VOUT
Output voltage pin
4
N.C.
(1)
5
ON/OFF ON/OFF pin
N.C.
(1)
Pin No.
Symbol
Description
1
VOUT
Output voltage pin
2
VIN
Input voltage pin
3
VSS
GND pin
4
ON/OFF. ON/OFF pin
N.C.
(1)
5
N.C.
(1)
Pin No.
Symbol
Description
1
VSS
GND pin
2VIN
Input voltage pin
3
VOUT
Output voltage pin
Pin No.
Symbol
Description
1
VSS
GND pin
2VIN
Input voltage pin
3
VOUT
Output voltage pin
(1)
N.C. pin is electrically open. N.C. pin can be connected to
VIN or VSS. The ON/OFF pin becomes N.C. pin, when the
power-off function is removed.
(1)
N.C. pin is electrically open. N.C. pin can be connected to
VIN or VSS. The ON/OFF pin becomes N.C. pin, when the
power-off function is removed.


Similar Part No. - S-812C35AMC-C2P-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C35AMC-C2PT2G SII-S-812C35AMC-C2PT2G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-812C35AMC-C2PT2X ABLIC-S-812C35AMC-C2PT2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C35AMC-C2P-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com