Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-812C38AMC-C2S-T2 Datasheet(PDF) 11 Page - Seiko Instruments Inc

Part # S-812C38AMC-C2S-T2
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C38AMC-C2S-T2 Datasheet(HTML) 11 Page - Seiko Instruments Inc

Back Button S-812C38AMC-C2S-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-812C38AMC-C2S-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-812C38AMC-C2S-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-812C38AMC-C2S-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-812C38AMC-C2S-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-812C38AMC-C2S-T2 Datasheet HTML 12Page - Seiko Instruments Inc S-812C38AMC-C2S-T2 Datasheet HTML 13Page - Seiko Instruments Inc S-812C38AMC-C2S-T2 Datasheet HTML 14Page - Seiko Instruments Inc S-812C38AMC-C2S-T2 Datasheet HTML 15Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Rev.1.0
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C Series
Seiko Instruments Inc.
11
„ Typical Characteristics
(1) Output Voltage vs Output Current (When load current increases)
0.0
0.5
1.0
1.5
2.0
2.5
0
50
100
150
IOUT (mA)
VIN=2.5V
3V
5V
4V
7V
S-812C20B (Ta=25°C) Short- circuit protection
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
50
100
150
200
IOUT (mA)
VIN=3.5V
4V
6V
5V
8V
S-812C30B (Ta=25°C) Short-circuit protection
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
100
200
300
IOUT (mA)
VIN=5.5V
6V
8V
7V
10V
S-812C50B (Ta=25°C)
Short-circuit protection
No short-circuit protection
S-812C20A (Ta=25 ºC)
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
IOUT (mA)
7V
5V
4V
3V
2.5V
VIN=2.3V
S-812C30A (Ta=25ºC)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
IOUT (mA)
8V
6V
5V
4V
3.5V
VIN=3.3V
No short-circuit protection
S-812C50A (Ta=25
ºC)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0
100
200
300
400
IOUT (mA)
10V
8V
7V
6V
5.5V
VIN=5.3V
No short-circuit protection
Notice
The condition for input voltage and load current
should not exceed the package power dissipation.
Notice
The condition for input voltage and load current
should not exceed the package power dissipation.


Similar Part No. - S-812C38AMC-C2S-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C38AMC-C2ST2G SII-S-812C38AMC-C2ST2G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-812C38AMC-C2ST2X ABLIC-S-812C38AMC-C2ST2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C38AMC-C2S-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com