Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-812C41AMC-C2V-T2 Datasheet(PDF) 9 Page - Seiko Instruments Inc

Part # S-812C41AMC-C2V-T2
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C41AMC-C2V-T2 Datasheet(HTML) 9 Page - Seiko Instruments Inc

Back Button S-812C41AMC-C2V-T2 Datasheet HTML 5Page - Seiko Instruments Inc S-812C41AMC-C2V-T2 Datasheet HTML 6Page - Seiko Instruments Inc S-812C41AMC-C2V-T2 Datasheet HTML 7Page - Seiko Instruments Inc S-812C41AMC-C2V-T2 Datasheet HTML 8Page - Seiko Instruments Inc S-812C41AMC-C2V-T2 Datasheet HTML 9Page - Seiko Instruments Inc S-812C41AMC-C2V-T2 Datasheet HTML 10Page - Seiko Instruments Inc S-812C41AMC-C2V-T2 Datasheet HTML 11Page - Seiko Instruments Inc S-812C41AMC-C2V-T2 Datasheet HTML 12Page - Seiko Instruments Inc S-812C41AMC-C2V-T2 Datasheet HTML 13Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
Rev.1.0
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C Series
Seiko Instruments Inc.
9
„Application Circuits
1. Output Current Boost Circuit
As shown in Figure 11, the output current
can be boosted by externally attaching a
PNP transistor.
The S-812C controls the
base current of the PNP transistor so that the
output voltage VOUT becomes the voltage
specified in the S-812C if the sufficient base-
emitter voltage VBE to turn on the PNP
transistor is obtained between input voltage
VIN and S-812C power source pin VIN.
• As the transient response characteristics
of the circuit shown in figure 11 is not enough in some applications, evaluation for output variation due to
power-on, power line variation and load variation in actual condition is needed before massproduction.
• Note that the short-circuit protection incorporated in the S-812C series does not work as a short-circuit
protection for the boost circuit.
2. Constant Current Circuit
The S-812C series can be served in a
constant current circuit as shown in the
figure 12. Constant current IO is calculated
from the following equation:
IO = (VOUT(E)
÷ RL) +ISS, where V
OUT(E) is
the effective output voltage.
Please note that in case of the circuit
shown in the figure 12 (1) the magnitude of
the constant current IO is limited by the
driving ability of the S-812C.
The circuit shown in the figure 12 (2) can,
however, provide the current beyond the
driving ability of the S-812C by combining a
constant current circuit with a current boost
circuit. The maximum input voltage for the
constant current circuit is the sum of the
voltage VO of the device and 16 V. It is not
recommended
to
attach
a
capacitor
between the S-812C power source VIN
and VSS pins or between output VOUT
and VSS pins because rush current flows
at power-on.
3. Output Voltage Adjustment Circuit
The output voltage can be increased using the configuration shown in the figure 13. The output Voltage VOUT1
can be calculated using the following equation;
VOUT1 = VOUT(E) x (R1 + R2)
÷ R1 + R2 x I
SS,
where VOUT(E) is the effective output voltage.
Value of R1 and R2 should be determined so as not to be affected by the current consumption ISS.
R1
Tr1
GND
VOUT
ON/OFF
VIN
VSS
VIN
VOUT
CL
Figure 11 Output Current Boost Circuit
S-812C
Series
CIN
I
(2) Constant Current Boost Circuit
Figure 12 Constant Current Circuits
R1
GND
Device
RL
VIN
VOUT
VIN
V0
VSS
S-812C
Series
Tr1
VO
GND
Device
RL
VOUT
VIN
VIN
V0
VO
IO
CIN
CIN
VSS
(1) Constant Current Circuit
S-812C
Series
o
ON/OFF
ON/OFF


Similar Part No. - S-812C41AMC-C2V-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C41AMC-C2VT2G SII-S-812C41AMC-C2VT2G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-812C41AMC-C2VT2X ABLIC-S-812C41AMC-C2VT2X Datasheet
803Kb / 56P
   16 V INPUT, 75 mA VOLTAGE REGULATOR
Rev.7.0_01
More results

Similar Description - S-812C41AMC-C2V-T2

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com