Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IK642BN Datasheet(PDF) 7 Page - IK Semicon Co., Ltd

Part # IK642BN
Description  INTERVAL- and WIPE/WASH WIPER CONTROL IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IKSEMICON [IK Semicon Co., Ltd]
Direct Link  http://www.iksemi.com/en/index.html
Logo IKSEMICON - IK Semicon Co., Ltd

IK642BN Datasheet(HTML) 7 Page - IK Semicon Co., Ltd

Back Button IK642BN Datasheet HTML 3Page - IK Semicon Co., Ltd IK642BN Datasheet HTML 4Page - IK Semicon Co., Ltd IK642BN Datasheet HTML 5Page - IK Semicon Co., Ltd IK642BN Datasheet HTML 6Page - IK Semicon Co., Ltd IK642BN Datasheet HTML 7Page - IK Semicon Co., Ltd IK642BN Datasheet HTML 8Page - IK Semicon Co., Ltd IK642BN Datasheet HTML 9Page - IK Semicon Co., Ltd IK642BN Datasheet HTML 10Page - IK Semicon Co., Ltd IK642BN Datasheet HTML 11Page - IK Semicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
IK642B
7
2013 June, Ver. 00
ELECTRICAL CHARACTERISTICS
VBatt = 12V, Tamb = 25°C, reference point is pin 8 (see Figure 3 on page 4) unless otherwise specified.
Parameter
Test Conditions
Pin
Symbol
Min
Typ.
Max
Unit
Supply voltage
8
VBatt
9
16.5
V
Supply current
I8
10
mA
Z-diode limitation
V1
7.6
V
Overvoltage
Threshold current
I1
-50
mA
Threshold voltage
VBatt
35
V
Relay Control Output
7
Saturation voltage
I7 = 100 mA
I7 = 200 mA
V7
-1.0
-1.5
V
Leakage current
I7
100
uA
Park Switch
6
Internal pull-up
resistance
R6 = 10 kΩ
R6
50
kΩ
Switching threshold
voltage
V6
–3.3
V
Protection diode
I6 = –10 mA
I6 = 10 mA
V6
V6
–0.8
7.6
V
Input Ct
3
Internal resistance
R3
100
Interval Input
R2 = 2.7 to 30 kΩ
2
Protection diode
I2 = –10 mA
I2 = 30 mA/10 ms
V2
–0.8
7.6
V
WASH Input
R5 = 10 kΩ
5
Switching threshold/
Hysteresis
V5
–1.4/
–5.4
V
Protection diode
I5 = –10 mA
I5 = 10 mA
V
–0.8
7.6
V
Switching
Characteristics
R4 = 47 kΩ to 300 kΩ, I4 = –150 μA
Interval time
R3 = 0 kΩ
R3 = 10 kΩ
t2
3.6
10.8
4
12
4.4
13.2
s
Prewash delay
tdel
300
ms
After-wipe-time
R4 = 130 kΩ
5
t5
4.75
5.25
5.75
s


Similar Part No. - IK642BN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK642B IKSEMICON-IK642B Datasheet
417Kb / 11P
   load-dump protected
More results

Similar Description - IK642BN

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UU642 UTC-UU642_15 Datasheet
221Kb / 6P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_05 Datasheet
195Kb / 12P
   Interval- and Wipe/ Wash Wiper Control IC
logo
Unisonic Technologies
UU642 UTC-UU642 Datasheet
164Kb / 5P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC
logo
ATMEL Corporation
U642B ATMEL-U642B_07 Datasheet
241Kb / 12P
   Interval and Wipe/Wash Wiper Control IC
U642B ATMEL-U642B Datasheet
53Kb / 7P
   Interval- and Wipe/ Wash Wiper Control IC
U641B ATMEL-U641B_05 Datasheet
197Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
U641B ATMEL-U641B Datasheet
167Kb / 10P
   INTERVAL AND WIPE/WASH WIPER CONTROL IC WITH DELAY
U641B ATMEL-U641B_07 Datasheet
243Kb / 12P
   Interval and Wipe/Wash Wiper Control IC with Delay
logo
TEMIC Semiconductors
U690B TEMIC-U690B Datasheet
102Kb / 9P
   Rear Wiper Interval/Wipe-Wash Control
logo
ATMEL Corporation
U2640B ATMEL-U2640B Datasheet
85Kb / 10P
   Intemittent- and Wipe/ Wash Control for Wiper Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com