Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CHSF-175 Datasheet(PDF) 6 Page - Cooper Bussmann, Inc.

Part # CHSF-175
Description  Compact high speed fuses ??500Vac/dc, 50-400A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CHSF-175 Datasheet(HTML) 6 Page - Cooper Bussmann, Inc.

  CHSF-175 Datasheet HTML 1Page - Cooper Bussmann, Inc. CHSF-175 Datasheet HTML 2Page - Cooper Bussmann, Inc. CHSF-175 Datasheet HTML 3Page - Cooper Bussmann, Inc. CHSF-175 Datasheet HTML 4Page - Cooper Bussmann, Inc. CHSF-175 Datasheet HTML 5Page - Cooper Bussmann, Inc. CHSF-175 Datasheet HTML 6Page - Cooper Bussmann, Inc. CHSF-175 Datasheet HTML 7Page - Cooper Bussmann, Inc. CHSF-175 Datasheet HTML 8Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Technical Data 10414
Effective October 2015
Compact high speed fuses
Eaton.com/bussmannseries
AC arc voltage
AC clearing I2t voltage correction factor
500
550
600
650
700
750
800
850
900
950
1,000
100150
200250
300350
400450
500
System voltage (ACRMS)
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
200
250
300
350
400
450
500
System voltage (ACRMS)
DC arc voltage
500
550
600
650
700
750
800
850
900
950
1000
100
150
200
250
300
350
400
450
500
System voltage (DC)
DC clearing I2t voltage correction factor
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
100
150
200
250
300
350
400
450
500
System voltage (DC)


Similar Part No. - CHSF-175

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
CHS COPAL-CHS Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
logo
TE Connectivity Ltd
CHS TEC-CHS Datasheet
420Kb / 4P
   Power Entry Module with Switch
logo
List of Unclassifed Man...
CHS-01A ETC1-CHS-01A Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
logo
Copal Electronics
CHS-01A COPAL-CHS-01A Datasheet
744Kb / 14P
   SLIDE SWITCHES (HALF PITCH)
logo
List of Unclassifed Man...
CHS-01A1 ETC1-CHS-01A1 Datasheet
432Kb / 15P
   SURFACE MOUNT TYPE SLIDE SWITCHES
More results

Similar Description - CHSF-175

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BH-0111 ETC2-BH-0111 Datasheet
1Mb / 8P
   Compact high speed fuses
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
   High Speed Fuses
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
   High Speed Fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
   High Speed Fuses
logo
STMicroelectronics
TSH310 STMICROELECTRONICS-TSH310 Datasheet
449Kb / 19P
   400A High-Speed Operational Amplifier
logo
Sanyo Semicon Device
LA5512 SANYO-LA5512 Datasheet
39Kb / 1P
   COMPACT DC MOTOR SPEED CONTROLLER
logo
Cooper Bussmann, Inc.
FWH-250A6F COOPER-FWH-250A6F Datasheet
297Kb / 2P
   6x32mm high speed ferrule fuses
FWA-50A21F COOPER-FWA-50A21F Datasheet
194Kb / 2P
   Ferrule style high speed fuses.
logo
List of Unclassifed Man...
FNQ-1 ETC2-FNQ-1 Datasheet
373Kb / 2P
   13??2? x 1-1??? 500Vac Time-delay supplemental fuses
logo
Cooper Bussmann, Inc.
FNQ-2 COOPER-FNQ-2 Datasheet
373Kb / 2P
   13/32 x 1-1/2 500Vac Time-delay supplemental fuses
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com