Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF109E Datasheet(PDF) 8 Page - NEC

Part # SF109E
Description  ORGANIC THERMAL SENSITIVE PELLET TYPE 10 AMPERES RATED CURRENT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

SF109E Datasheet(HTML) 8 Page - NEC

Back Button SF109E Datasheet HTML 4Page - NEC SF109E Datasheet HTML 5Page - NEC SF109E Datasheet HTML 6Page - NEC SF109E Datasheet HTML 7Page - NEC SF109E Datasheet HTML 8Page - NEC SF109E Datasheet HTML 9Page - NEC SF109E Datasheet HTML 10Page - NEC SF109E Datasheet HTML 11Page - NEC SF109E Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
SF/E SERIES
q
It is recommended that the connecting position at the lead of resign-sealed side should be 5 mm or more from
the body of the thermal cutoff.
q
After mounting the thermal cutoff, be careful not to apply force that may pull, push or twist the lead wires.
q
When using an SF type with lead forming, be sure not to make the lead on the resin-sealed side touch the
case. This would cause the current to flow from the lead on the resin-sealed side to the opposite lead so that
the thermal cutoff cannot break the circuit.
Note that the body of the SF type is the same in potential as the circuit. Therefore, it must be electrically
isolated from the other metalic part.
Storage
q
The body and lead A are silver-plated. Therefore, these parts may discolor because of sulfuration. In the case,
the marking of the body wiII become difficult to discriminate or the solder-abiIity of lead wiII decline. To avoid
this, the SEFUSE should not keep around materials (such as cardboard or rubber, etc.) which generate sulfurous
acid gas.
q
When the SEFUSE have to be storaged in a cardboard box, the SEFUSE's packs should be put into other bags
(such as polyethylene) and make sure the packs seal.
Recommendation
q
Be careful when mounting the thermal cutoff because external force, heat, or a harmful atmosphere (contain-
ing excessive humidity or sulfurous acid gas) may damage the characteristics of the thermal cutoff. If appli-
cable, it is recommended to warn general consumers who are not aware of the usage cautions for the thermal
cutoff not to mount, remove or replace the thermal cutoff through a note to this effect in the user's manual and
other related material.
If you desire any clarifications or explanations regarding these cautions, please call an NEC sales
representative.
The values contained in this document were obtained under certain testing conditions at NEC. They are not
guaranteed and are for reference only.
5 mm or more
Position of installation


Similar Part No. - SF109E

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SF109 GOOD-ARK-SF109 Datasheet
174Kb / 2P
   SUPER FAST RECOVERY RECTIFIER
logo
RF Monolithics, Inc
SF1090A RFM-SF1090A Datasheet
171Kb / 6P
   350 MHz SAW Filter
SF1091A RFM-SF1091A Datasheet
236Kb / 9P
   211 MHz SAW Filter
logo
Murata Manufacturing Co...
SF1091A MURATA-SF1091A Datasheet
84Kb / 4P
   211 MHz SAW Filter
logo
RF Monolithics, Inc
SF1092A RFM-SF1092A Datasheet
230Kb / 9P
   199 MHz SAW Filter
More results

Similar Description - SF109E

ManufacturerPart #DatasheetDescription
logo
NEC
SM110G0 NEC-SM110G0 Datasheet
82Kb / 8P
   FUSIBLE ALLOY THERMAL SENSITIVE TYPE, 0.5 AMPERES (250 Va.c.) and 3 and 5 AMPERES (50 Vd.c.) Rated Current
logo
Microsemi Corporation
1N897 MICROSEMI-1N897 Datasheet
66Kb / 2P
   PELLET DIODES
logo
List of Unclassifed Man...
PXV1220S ETC2-PXV1220S_1 Datasheet
49Kb / 1P
   thermal sensitive chip attenuators.
logo
Microdiode Electronics ...
MUR1010 CHENDA-MUR1010 Datasheet
957Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
SF1010 CHENDA-SF1010 Datasheet
958Kb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
SF1010CT CHENDA-SF1010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
Gaomi Xinghe Electronic...
SF1001 GXELECTRONICS-SF1001 Datasheet
579Kb / 2P
   VOLTAGE - 50 TO 600 VOLTS CURRENT - 10 AMPERES
logo
Microdiode Electronics ...
MUR1010CT CHENDA-MUR1010CT Datasheet
1Mb / 2P
   100 to 600 Volts Forward Current - 10 Amperes
logo
JMK Inc.
EA-0380-10A JMK-EA-0380-10A Datasheet
140Kb / 1P
   Operating Voltage = 115/250VAC Operating Current = 10 amperes
logo
Unisonic Technologies
MCR08L-2-X-T92-B UTC-MCR08L-2-X-T92-B Datasheet
187Kb / 4P
   Sensitive gate trigger current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com