Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UA2 Datasheet(PDF) 3 Page - NEC

Part # UA2
Description  Super-compact size, Slim-package, Surface mounting type
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UA2 Datasheet(HTML) 3 Page - NEC

  UA2 Datasheet HTML 1Page - NEC UA2 Datasheet HTML 2Page - NEC UA2 Datasheet HTML 3Page - NEC UA2 Datasheet HTML 4Page - NEC UA2 Datasheet HTML 5Page - NEC UA2 Datasheet HTML 6Page - NEC UA2 Datasheet HTML 7Page - NEC UA2 Datasheet HTML 8Page - NEC UA2 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
UA2/UB2 SERIES
3
DATA SHEET ER0450EJ2V0DS00
PIN CONFIGURATIONS (bottom view)
UA2 SERIES
Index mark of
relay direction
Non-latch type
(not energized position)
Single coil latch type
(reset position)
S : Coil polarity of set (operate)
R : Coil polarity of reset (release)
12
3
4
87
6
5
12
3
4
87
6
S
R
5
12
3
4
87
6
5
R
Index mark of
relay direction
12
3
4
87
6
5
S
Non-latch type
(not energized position)
Single coil latch type
(reset position)
S : Coil polarity of set (operate)
R : Coil polarity of reset (release)
UB2 SERIES
MARKINGS (top view)
U A 2 – 1 2 N U
9900
JAPAN
2
3
4
1
5
q Part number
w Manufacturer
e Country of origin
r Date code
t Index mark of relay direction
(pin No. 1, 12)


Similar Part No. - UA2

ManufacturerPart #DatasheetDescription
logo
NEC
UA2 NEC-UA2 Datasheet
926Kb / 7P
   Miniature Relays
logo
Kemet Corporation
UA2 KEMET-UA2 Datasheet
1Mb / 17P
   Electronic switching systems
UA2-12SNE-L KEMET-UA2-12SNE-L Datasheet
1Mb / 17P
   Electronic switching systems
UA2-12SNEN-L KEMET-UA2-12SNEN-L Datasheet
1Mb / 17P
   Electronic switching systems
UA2-12SNU-L KEMET-UA2-12SNU-L Datasheet
1Mb / 17P
   Electronic switching systems
More results

Similar Description - UA2

ManufacturerPart #DatasheetDescription
logo
NEC
UC2 NEC-UC2 Datasheet
503Kb / 15P
   SUPER-COMPACT SIZE, FLAT-PACKAGE
logo
International Rectifier
AHN12324 IRF-AHN12324 Datasheet
136Kb / 6P
   Slim and compact size
logo
Protech Systems Co., Lt...
BPC-8580 PROTECHSYSTEMS-BPC-8580 Datasheet
851Kb / 2P
   Slim and Compact Book Size PC
BPC-8590 PROTECHSYSTEMS-BPC-8590 Datasheet
314Kb / 2P
   Slim and Compact Book Size PC
logo
Sanken electric
SPF5103 SANKEN-SPF5103 Datasheet
127Kb / 1P
   Compact type power surface mount package
logo
NEC
EB2-5SNUH-L NEC-EB2-5SNUH-L Datasheet
114Kb / 8P
   COMPACT AND LIGHT WEIGHT SURFACE MOUNTING TYPE
logo
Yamaichi Electronics Co...
CF050P1S-003-00DS0 YAMAICHI-CF050P1S-003-00DS0 Datasheet
129Kb / 2P
   Compact Flash Card Slim Type I
logo
ALPS ELECTRIC CO.,LTD.
SKQY ALPS-SKQY Datasheet
172Kb / 3P
   6.1횞3.7mm Compact High-speed Mounting(Surface Mount Type)
logo
Protech Systems Co., Lt...
SA-5592 PROTECHSYSTEMS-SA-5592 Datasheet
572Kb / 2P
   Slim, Compact and High Performance Book Size PC
logo
List of Unclassifed Man...
EE2-5NU ETC2-EE2-5NU Datasheet
228Kb / 12P
   Compact and lightweight, High breakdown voltage, Surface mounting type
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com