Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16504-2 Datasheet(PDF) 1 Page - Cooper Bussmann, Inc.

Part # 16504-2
Description  Splicer blocks
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

16504-2 Datasheet(HTML) 1 Page - Cooper Bussmann, Inc.

  16504-2 Datasheet HTML 1Page - Cooper Bussmann, Inc. 16504-2 Datasheet HTML 2Page - Cooper Bussmann, Inc. 16504-2 Datasheet HTML 3Page - Cooper Bussmann, Inc. 16504-2 Datasheet HTML 4Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 10534
Effective June 2016
Splicer blocks
Catalog symbols:
160__-(poles)
162__-(poles)
163__-(poles)
165__-(poles)
Description:
Bussmann® series splicer blocks allow for
increasing or decreasing wire size within a circuit
to accommodate different connections from the
power source to the branch load.
Splicer blocks are available for wire sizes up to 500
kcmil and amp ratings up to 760 A.
They are UL® Recognized to UL 1059 and rated for
use in UL 508A industrial control panels.
These blocks are factory configured from 1- to
4-poles (catalog number dependent) with optional
covers available to enhance safety (order covers
separately).
Catalog number example:
16204-3 is a 3-pole 16204
Where:
The prefix “16204” defines the block’s lineside
and loadside characteristics (i.e., conductor port
per pole that accepts 2/0 - #14 Cu, or 2/0 - #12
Al conductors).
The suffix “3” in this example defines this as a
three-pole block.
See the catalog number tables for details on the
available lineside/loadside characteristics.
How to order:
From the catalog number tables, select the catalog
number that defines the desired lineside/loadside
port and conductor characteristics.
Add to the catalog number the suffix that defines
the desired pole configuration. Note, you must
select from the available number of poles for
each catalog number. These appear in the second
column of the catalog number tables.
Specifications:
Ratings
Volts: 600 V
Amps: 115 to 760 A
SCCR: up to 200 kA* (see table for SCCR by
catalog number)
* Maximum SCCR contingent upon the application of an
upstream current-limiting overcurrent protective device.
See table for fusing requirements.
Flammability rating
UL 94 V0
Agency information
UL 1059 Recognized, Guide XCFR2, File E62622
CSA® Certified, Class 6228-01, File 15364
Conductors
Stranded 75°C copper and aluminum
Higher temperature rated conductors permitted
with appropriate derating
As specified in the catalog number table.
Optional covers
See table for catalog numbers specific to each
block


Similar Part No. - 16504-2

ManufacturerPart #DatasheetDescription
logo
STEGO Elektrotechnik Gm...
16504.0-00 STEGO-16504.0-00 Datasheet
583Kb / 1P
   ENCLOSURE HEATER
11.11.2022
logo
Adels-Contact
165043 ADELS-165043 Datasheet
126Kb / 3P
   AC 166 GBU/ 3 pastel blue
12/11/2019
logo
Tyco Electronics
1650479 MACOM-1650479 Datasheet
77Kb / 1P
   PIN MINI UNIVERSAL MATE N LOK
1650484-1 MACOM-1650484-1 Datasheet
71Kb / 1P
   CONNECTOR, SOCKET PCB MOUNT 125A MIDDLE DRAWER
1650485-1 MACOM-1650485-1 Datasheet
71Kb / 1P
   CONNECTOR, SOCKET PCB MOUNT 125A MIDDLE DRAWER
More results

Similar Description - 16504-2

ManufacturerPart #DatasheetDescription
logo
Altech corporation
38064 ALTECH-38064 Datasheet
90Kb / 1P
   SPLICER TERMINAL BLOCKS
logo
Littelfuse
LFD25703Z LITTELFUSE-LFD25703Z Datasheet
1Mb / 8P
   Distribution Blocks ??Splicer Blocks ??Covers
Rev: 2-B-051820
LD1400-1 LITTELFUSE-LD1400-1 Datasheet
609Kb / 7P
   POWR-BLOKS Distribution/Splicer Blocks and Covers
logo
PANDUIT CORP.
D-602-0140 PANDUIT-D-602-0140 Datasheet
153Kb / 1P
   CRIMP SPLICER, STUB
D-609-03 PANDUIT-D-609-03 Datasheet
90Kb / 1P
   CRIMP SPLICER, STUB
logo
Hubbell Incorporated.
BISR350FX HUBBELL-BISR350FX Datasheet
263Kb / 2P
   IN-LINE SPLICER/REDUCER.
logo
Bel Fuse Inc.
SS-82120-002 BEL-SS-82120-002 Datasheet
972Kb / 1P
   Category 6a Cable Splicer
logo
PANDUIT CORP.
D-609-12 PANDUIT-D-609-12 Datasheet
93Kb / 1P
   CRIMP SPLICER, STUB, NICKEL PLATED
logo
Marathon Special Produc...
135X702 MARATHON-135X702 Datasheet
216Kb / 4P
   POWER DISTRIBUTION BLOCK Splicer Type 135X702
REV-E 11/25/19
logo
PANDUIT CORP.
D-609-09 PANDUIT-D-609-09 Datasheet
93Kb / 1P
   COLOR CODED CRIMP SPLICER, IN-LINE, NICKEL PLATED
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com