Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K1050S Datasheet(PDF) 6 Page - Teccor Electronics

Part # K1050S
Description  silicon bilateral voltage triggered switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECCOR [Teccor Electronics]
Direct Link  http://www.littelfuse.com/
Logo TECCOR - Teccor Electronics

K1050S Datasheet(HTML) 6 Page - Teccor Electronics

  K1050S Datasheet HTML 1Page - Teccor Electronics K1050S Datasheet HTML 2Page - Teccor Electronics K1050S Datasheet HTML 3Page - Teccor Electronics K1050S Datasheet HTML 4Page - Teccor Electronics K1050S Datasheet HTML 5Page - Teccor Electronics K1050S Datasheet HTML 6Page - Teccor Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Electrical Specifications
SIDAC
9-6
Teccor Electronics
(972) 580-7777
Figure 9.14
Dynamic Holding Current Test Circuit for Sidacs
Figure 9.15
Basic Sidac Circuit
Figure 9.16
Relaxation oscillator Using a Sidac
Figure 9.17
Sidac Added to Protect Transistor for Typical Transistor Inductive Load Switching Requirements
100-250
VAC
60 Hz
SCOPE
PUSH
TO
TEST
S1
SWITCH TO TEST IN
EACH DIRECTION
100
1%
DEVICE
UNDER
TEST
S1
SCOPE INDICATIONS
TRACE STOPS
IH
IPK
LOAD
100-250
VAC
60 Hz
I
H
V
BO
V
BO
V
BO
120-145˚
CONDUCTION
ANGLE
I
H
I
H
LOAD CURRENT
V
DC(IN) ≥
V
B0
V
C
I
L
R
L
R
SIDAC
(a) Circuit
R
max ≤
V
IN
- V
BO
I
BO
R
min ≥
V
IN
- V
TM
I
H (MIN)
(b) Waveforms
V
BO
V
C
I
L
t
t
C
V
CE
MONITOR
100 mH
I
C
MONITOR
+
-
R
S
= 0.1
TEST CIRCUIT
V
BB1
=10 V
+
-
V
BB2
=0
R
BB2 =
100
R
BB1 =
150
2N6127
(or equivalent)
50
50
INPUT
(See Note B)
TIP-47
V
CC
= 20 V
VOLTAGE AND CURRENT WAVEFORMS
INPUT
VOLTAGE
0 V
5 V
0.63 A
0
SIDAC V
BO
10 V
V
CE(sat)
t
w ≈
3 ms
(See Note A)
COLLECTOR
CURRENT
COLLECTOR
VOLTAGE
100 mS
t
w
NOTE A: Input pulse width is increased until ICM = 0.63A.
NOTE B: Sidac (or Diac or series of Diacs) chosen so that VBO is just below VCEO rating of transistor to be protected.
The Sidac (or Diac) eliminates a reverse breakdown of the transistor in inductive switching circuits where otherwise the
transistor could be destroyed.


Similar Part No. - K1050S

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
K1050S TECCOR-K1050S Datasheet
2Mb / 224P
   Thyristor Product Catalog
logo
Littelfuse
K1050S LITTELFUSE-K1050S Datasheet
181Kb / 7P
   High-voltage lamp ignitors
K1050S1URP LITTELFUSE-K1050S1URP Datasheet
671Kb / 8P
   Standard Unidirectional SIDACs
K1050S70AP LITTELFUSE-K1050S70AP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
K1050S70RP LITTELFUSE-K1050S70RP Datasheet
1Mb / 12P
   Teccor짰 brand Thyristors Standard Bidirectional SIDACs
More results

Similar Description - K1050S

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
K1005 LEIDITECH-K1005 Datasheet
1Mb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Suntac Electronic Corp.
SDB0900E70 SUNTAC-SDB0900E70 Datasheet
127Kb / 6P
   silicon bilateral voltage triggered switch
logo
List of Unclassifed Man...
K105 ETC1-K105 Datasheet
101Kb / 2P
   Silicon Bilateral Voltage Triggered Switch
logo
Jinan Jingheng (Group) ...
DB105A JINANJINGHENG-DB105A Datasheet
98Kb / 5P
   Bilateral Voltage triggered Switch
logo
Shanghai Shunye Electro...
K1050G SY-K1050G Datasheet
502Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-280Volts
SIDAC SY-SIDAC Datasheet
242Kb / 5P
   Bilateral Voltage triggered Switch Breakover Voltage:95-330Volts
logo
SUNMATE electronic Co.,...
DB3 SUNMATE-DB3 Datasheet
151Kb / 2P
   2A Axial Leaded Silicon Bilateral Voltage Triggered
logo
Powerex Power Semicondu...
BS08D-112 POWEREX-BS08D-112 Datasheet
194Kb / 4P
   Silicon Bilateral Switch
BS08D-T112 POWEREX-BS08D-T112 Datasheet
326Kb / 4P
   Silicon Bilateral Switch
BS08A POWEREX-BS08A Datasheet
403Kb / 6P
   Silicon Bilateral Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com