Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-812C30AY-X Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-812C30AY-X
Description  HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-812C30AY-X Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-812C30AY-X Datasheet HTML 6Page - Seiko Instruments Inc S-812C30AY-X Datasheet HTML 7Page - Seiko Instruments Inc S-812C30AY-X Datasheet HTML 8Page - Seiko Instruments Inc S-812C30AY-X Datasheet HTML 9Page - Seiko Instruments Inc S-812C30AY-X Datasheet HTML 10Page - Seiko Instruments Inc S-812C30AY-X Datasheet HTML 11Page - Seiko Instruments Inc S-812C30AY-X Datasheet HTML 12Page - Seiko Instruments Inc S-812C30AY-X Datasheet HTML 13Page - Seiko Instruments Inc S-812C30AY-X Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
Rev.1.0
S-812C Series
10
Seiko Instruments Inc.
Capacitor C1 has an effect in minimizing output
fluctuation
due
to
power-on,
power
line
variation and load variation.
Determine the
optimum value in the actual device.
It is not also recommended to attach a
capacitor between the S-812 power source VIN
and VSS pins or between output VOUT and
VSS
pins
because
output
fluctuation
or
oscillation at powering on might occur.
„ Notice
• Wiring patterns for VIN, VOUT and GND pins should be designed to hold low impedance.
When mounting an output capacitor, the distance from the capacitor to the VOUT pin and to the VSS pin
should be as short as possible.
• Note that output voltage may increase when a voltage regulator is used at low load current (less than 1 µA).
• At low load current less than 100µA output voltage may increase when the regulating operation is halted by
the ON/OFF pin.
• To prevent oscillation, it is recommended to use the external components under the following conditions:
Equivalent Series Resistance (ESR): 10
Ω or less when an output capacitor is used.
Input series resistance (RIN): 10
Ω or less
• A voltage regulator may oscillate when the impedance of the power supply is high and the input capacitor is
small or not connected.
• The application condition for input voltage and load current should not exceed the package power
dissipation.
• SII claims no responsibility for any and all disputes arising out of or in connection with any infringement of
the products including this IC upon patents owned by a third party.
GND
VOUT1
R2
R1
ON/OFF
VOUT
VIN
VIN
CL
C1
CIN
VSS
Figure 13 Voltage Adjustment Circuit
S-812C
Series


Similar Part No. - S-812C30AY-X

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30AY-X-G SII-S-812C30AY-X-G Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
More results

Similar Description - S-812C30AY-X

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-812C30BMC-C4KT2G SII-S-812C30BMC-C4KT2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
LR1012 UTC-LR1012 Datasheet
228Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_16 Datasheet
254Kb / 6P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
LR1012 UTC-LR1012_V01 Datasheet
301Kb / 4P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
LR1012 ETL-LR1012 Datasheet
227Kb / 7P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-812C50AMC-C3ET2G SII-S-812C50AMC-C3ET2G Datasheet
786Kb / 50P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
S-812C SII-S-812C_1 Datasheet
930Kb / 52P
   HIGH OPERATING VOLTAGE CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM9827AB-S ELM-TECH-ELM9827AB-S Datasheet
124Kb / 12P
   CMOS Voltage regulator
logo
Seiko Instruments Inc
S-19212B30H-V5T2U SII-S-19212B30H-V5T2U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM98-SERIES ELM-TECH-ELM98-SERIES Datasheet
1Mb / 12P
   CMOS Voltage regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com