Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STK402-240 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK402-240
Description  Three-Channel Class AB Audio Power Amplifier IC 40 W 40 W 40 W
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK402-240 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK402-240 Datasheet HTML 1Page - Sanyo Semicon Device STK402-240 Datasheet HTML 2Page - Sanyo Semicon Device STK402-240 Datasheet HTML 3Page - Sanyo Semicon Device STK402-240 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Ordering number : ENN7072
D0102AS (OT) No. 7072-1/4
Overview
The STK402-200 series products are audio power
amplifier hybrid ICs that consist of optimally-designed
discrete component power amplifier circuits that have
been miniaturized using SANYO's unique insulated metal
substrate technology (IMST). SANYO has adopted a new
low thermal resistance substrate in these products to
reduce the package size by about 60% as compared to the
earlier SANYO STK408-000 series.
Features
• Series of pin compatible power amplifiers ranging from
20 W
×3 channels to 60 W ×3 channels (10%/1 kHz)
devices. The same printed circuit board can be used
depending on the output power grade.
• The pin arrangement is compatible with that of the 2-
channel STK402-000 series. This means that 3-channel
printed circuit boards can also be used for 2-channel
products.
• Miniature packages
— 15 W/ch to 40 W/ch (THD = 0.4%, f = 20 Hz to
20 kHz); 59.2 mm
×31.0 mm ×8.5 mm *
*: Not including the pins.
• Achieves superlative heat dissipation due to the adoption
of SANYO's Insulated Metal Substrate Technology
(IMST).
• Output load impedance: RL = 6 Ω
• Allowable load shorted time: 0.3 seconds
• Supports the use of standby, muting, and load shorting
protection circuits.
Package Dimensions
unit: mm
4191-SIP19
SANYO: SIP19
[STK402-270]
STK402-270
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Three-Channel Class AB Audio Power Amplifier IC
40 W + 40 W + 40 W
Thick-Film Hybrid IC
Any and all SANYO products described or contained herein do not have specifications that can handle
applications that require extremely high levels of reliability, such as life-support systems, aircraft’s
control systems, or other applications whose failure can be reasonably expected to result in serious
physical and/or material damage. Consult with your SANYO representative nearest you before using
any SANYO products described or contained herein in such applications.
SANYO assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other
parameters) listed in products specifications of any and all SANYO products described or contained
herein.


Similar Part No. - STK402-240

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-250 SANYO-STK402-250 Datasheet
108Kb / 4P
   Three-Channel Class AB Audio Power Amplifier IC
More results

Similar Description - STK402-240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA3106D1EVM TI1-TPA3106D1EVM Datasheet
1Mb / 36P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
TPA3106D1 TI-TPA3106D1 Datasheet
1Mb / 33P
[Old version datasheet]   40-W MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Sanyo Semicon Device
STK402-030 SANYO-STK402-030 Datasheet
62Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 20 W 20 W
STK402-090 SANYO-STK402-090 Datasheet
54Kb / 5P
   Two-Channel Class AB Audio Power Amplifier IC 50 W 50 W
logo
STMicroelectronics
TDA7292 STMICROELECTRONICS-TDA7292 Datasheet
337Kb / 22P
   40 W 40 W stereo amplifier with mute and standby
logo
Sanyo Semicon Device
STK401-070 SANYO-STK401-070 Datasheet
258Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W min, THD = 0.4%)?
STK400-070 SANYO-STK400-070 Datasheet
264Kb / 9P
   AF Power Amplifier (Split Power Supply) (40 W 40 W 40W min, THD = 0.4%)?
logo
NXP Semiconductors
TFA9843J PHILIPS-TFA9843J Datasheet
142Kb / 21P
   2-channel audio amplifier (SE: 1 W to 20 W or BTL: 4 W to 40 W)
Rev. 02-19 January 2004
logo
Toshiba Semiconductor
TA8260AH TOSHIBA-TA8260AH Datasheet
392Kb / 15P
   Max Power 40 W BTL 횞 4CH Audio Power IC
logo
NXP Semiconductors
TDA1560Q PHILIPS-TDA1560Q Datasheet
116Kb / 16P
   40 W car radio high power amplifier
1996 May 14
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com