Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD39100PUR Datasheet(PDF) 8 Page - STMicroelectronics

Part # LD39100PUR
Description  1 A, low quiescent current, low-noise voltage regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD39100PUR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LD39100PUR Datasheet HTML 4Page - STMicroelectronics LD39100PUR Datasheet HTML 5Page - STMicroelectronics LD39100PUR Datasheet HTML 6Page - STMicroelectronics LD39100PUR Datasheet HTML 7Page - STMicroelectronics LD39100PUR Datasheet HTML 8Page - STMicroelectronics LD39100PUR Datasheet HTML 9Page - STMicroelectronics LD39100PUR Datasheet HTML 10Page - STMicroelectronics LD39100PUR Datasheet HTML 11Page - STMicroelectronics LD39100PUR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
Electrical characteristics
LD39100
8/27
DocID15676 Rev 6
TJ = 25 °C, VIN = VOUT(NOM) + 1 V, CIN = COUT = 1 µF, IOUT = 100 mA, VEN = VIN, unless
otherwise specified.
Table 6: LD39100 electrical characteristics (fixed version)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VI
Operating input
voltage
1.5
5.5
V
VOUT
VOUT accuracy
VOUT >1.5 V,
IOUT = 10 mA
TJ = 25 °C
-2.0
2.0
%
VOUT > 1.5 V,
IOUT = 10 mA
-40 °C < TJ < 125 °C
-3.0
3.0
VOUT
≤ 1.5 V
IOUT = 10 mA
±20
mV
VOUT
≤ 1.5 V
IOUT = 10 mA
-40 °C < TJ < 125 °C
±30
∆VOUT
Static line
regulation
VOUT
+ 1 V ≤ VIN ≤ 5.5 V
IOUT = 100 mA
0.01
%/V
∆VOUT
Transient line
regulation (1)
∆VIN = 500 mV
IOUT = 100 mA
tR = 5 µs
10
mVpp
∆VIN = 500 mV
IOUT = 100 mA
tF = 5 µs
10
∆VOUT
Static load
regulation
IOUT = 10 mA to 1 A
0.002
%/mA
∆VOUT
Transient load
regulation (1)
IOUT = 10 mA to 1 A
tR = 5 µs
40
mVpp
IOUT = 1 A to 10 mA
tF = 5 µs
40
VDROP
Dropout voltage (2)
IOUT = 1 A VOUT > 1.5 V
-40 °C < TJ < 125 °C
200
400
mV
eN
Output noise
voltage
10 Hz to 100 kHz
IOUT = 100 mA
VOUT = 2.5 V
85
µVRMS
SVR
Supply voltage
rejection
VOUT = 1.5 V
VIN = VOUT(NOM)+0.5 V+/-VRIPPLE
VRIPPLE = 0.1 V
frequency = 1 kHz
IOUT = 10 mA
65
dB
VIN = VOUT(NOM)+0.5 V+/-VRIPPLE
VRIPPLE = 0.1 V
frequency = 10 kHz
IOUT = 100 mA
62


Similar Part No. - LD39100PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
More results

Similar Description - LD39100PUR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LD39100XX STMICROELECTRONICS-LD39100XX Datasheet
850Kb / 24P
   1 A, low quiescent current, low noise voltage regulator
LD39100PUR STMICROELECTRONICS-LD39100PUR Datasheet
863Kb / 23P
   1 A, low quiescent current, low noise voltage regulator
LD39115JXX STMICROELECTRONICS-LD39115JXX Datasheet
1Mb / 23P
   150 mA low quiescent current low noise voltage regulator
LD39015XX STMICROELECTRONICS-LD39015XX Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39050XX STMICROELECTRONICS-LD39050XX Datasheet
831Kb / 24P
   500 mA low quiescent current low noise voltage regulator
LD39015XX08 STMICROELECTRONICS-LD39015XX08 Datasheet
302Kb / 16P
   150 mA low quiescent current low noise voltage regulator
LD39015JXX STMICROELECTRONICS-LD39015JXX Datasheet
505Kb / 17P
   150 mA low quiescent current low noise voltage regulator
LD39015J STMICROELECTRONICS-LD39015J Datasheet
367Kb / 16P
   150 mA low quiescent current low noise voltage regulator
January 2014 Rev 4
LD39050 STMICROELECTRONICS-LD39050 Datasheet
723Kb / 28P
   500 mA low quiescent current and low noise voltage regulator
ST1L04 STMICROELECTRONICS-ST1L04 Datasheet
558Kb / 11P
   LOW QUIESCENT CURRENT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com