Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23132-E2001-A200 Datasheet(PDF) 2 Page - TE Connectivity Ltd

Part # V23132-E2001-A200
Description  Limiting continuous current 130A at 85째C
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

V23132-E2001-A200 Datasheet(HTML) 2 Page - TE Connectivity Ltd

  V23132-E2001-A200 Datasheet HTML 1Page - TE Connectivity Ltd V23132-E2001-A200 Datasheet HTML 2Page - TE Connectivity Ltd V23132-E2001-A200 Datasheet HTML 3Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
03-2014, Rev. 0314
www.te.com
© 2014 Tyco Electronics Corporation,
a TE Connectivity Ltd. company.
Datasheets and product specification ac-
cording to IEC 61810-1 and to be used only
together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
2
High Current Relay 150 (Continued)
Automotive Relays
High Current Devices
Other Data (continued)
Terminal type
screw
Cover retention
pull force
500N
push force
500N
Terminal retention
pull force
150N
push force
150N
resistance to bending
20N
force applied to side
20N
torque
5Nm
Weight
approx. 220g (7.8oz)
Packaging unit
50 pcs.
2) No change in the switching state >10µs.
Other Data
EU RoHS/ELV compliance
compliant
Ambient temperature
-40°C to +125°C
Dry heat, IEC 60068-2-2
500h at 100°C
Damp heat constant,
IEC 60068-2-3 (78), Ca
500h, 40°C, 93% RH
Degree of protection
dustproof:
IP54 (IEC 60529), RT I (IEC 61810)
sealed:
sealing in accordance with IEC 68
immersion cleanable:
IP67 (IEC 60529), RT III (IEC 61810)
Corrosive gas
IEC 60068-2-42
10 days
IEC 60068-2-43
10 days
Vibration resistance (functional)
IEC 60068-2-6 (sine sweep)
10 to 200Hz >5g2)
Shock resistance (functional)
IEC 60068-2-27 (half sine)
6ms >20g2)
Drop test, free fall
IEC 60068-2-32
1m onto concrete
NOR
1 form A, 1 NO with resistor
Terminal Assignment
54
3
1
2
5
3
1
2
55b
1
2
COR
1 form C, 1 CO with resistor
NOBRR
1 form X, 1 NO DM with resistor
Dimensions
NO and NO DM version
View of the terminals
Bottom view
*) Alternatively 5b for form X, 1 NO DM with resistor.
Connector Information
AMP SUPERSEAL 1.5 SERIES
Coil side
- Receptacle connector 282080-1
- Single wire seal 281934-2
- Contact 282110-1
Load side
Cable lug M6, maximum cable section 25 mm²
TE1666-X1
Screw terminals M6
Connector
2-pole
7.5 x 6.5
13.5
63
84
40
45
17
65.2
71
Ø 6.5
TE1666-X1
Screw terminals M6
Connector
2-pole
7.5 x 6.5
13.5
63
84
40
45
17
65.2
71
Ø 6.5
TE1667-61
15.5
*)


Similar Part No. - V23132-E2001-A200

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
V23130 MACOM-V23130 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
V23130-C2021-A412 MACOM-V23130-C2021-A412 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
V23130-C2421-A431 MACOM-V23130-C2421-A431 Datasheet
327Kb / 4P
   Battery Disconnect Switch BDS-A High Current Solutions
V23134 MACOM-V23134 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
V23134-A0052-C643 MACOM-V23134-A0052-C643 Datasheet
474Kb / 6P
   Power Relay F4 / VF4 Plug-In Relays Mini ISO relays
More results

Similar Description - V23132-E2001-A200

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
EVC-250 TEC-EVC-250 Datasheet
299Kb / 3P
   Limiting continuous current 250A at 85째C
logo
Tyco Electronics
1308028-2 MACOM-1308028-2 Datasheet
349Kb / 6P
   Limiting continuous current 32 A at 85째C
1393277-8 MACOM-1393277-8 Datasheet
748Kb / 5P
   Limiting continuous current 45A
logo
List of Unclassifed Man...
V23076A1022C133 ETC2-V23076A1022C133 Datasheet
889Kb / 4P
   Limiting continuous current 45A
logo
Jianghai Europe GmbH
CD891ZJ JIANGHAI-CD891ZJ Datasheet
671Kb / 8P
   4000h at 85째C
CD801ZP JIANGHAI-CD801ZP Datasheet
643Kb / 8P
   10 000h at 85째C
CD895ZK JIANGHAI-CD895ZK Datasheet
694Kb / 10P
   14 000h at 85째C
CD840ZQ JIANGHAI-CD840ZQ Datasheet
643Kb / 8P
   10 000h at 85째C
logo
Nichicon corporation
LLS2G101MELZ NICHICON-LLS2G101MELZ Datasheet
77Kb / 5P
   Withstanding 3000 hours application of rated ripple current at 85째C.
logo
Diotec Semiconductor
CL20M35 DIOTEC-CL20M35_13 Datasheet
100Kb / 2P
   Current Limiting Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com