Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTB06F Datasheet(PDF) 2 Page - DIYI Electronic Technology Co., Ltd.

Part # BTB06F
Description  Application on 4Q such as phase control and static switching.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DYELEC [DIYI Electronic Technology Co., Ltd.]
Direct Link  http://www.dyelec.com/
Logo DYELEC - DIYI Electronic Technology Co., Ltd.

BTB06F Datasheet(HTML) 2 Page - DIYI Electronic Technology Co., Ltd.

  BTB06F Datasheet HTML 1Page - DIYI Electronic Technology Co., Ltd. BTB06F Datasheet HTML 2Page - DIYI Electronic Technology Co., Ltd. BTB06F Datasheet HTML 3Page - DIYI Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2 of 3
THERMAL CHARACTERISTICS
ELECTRICAL
CHARACTERISTICS (TJ = 25°C, unless otherwise stated)
Jul,2015-REV.00
www.sddydz.com
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Thermal Resistance Junction to case for DC
Rth j-c
3.2
Thermal Resistance Junction to Ambient
In free air
Rth j-a
60
/W
PARAMETER
SYMBOL
TEST CONDITIONS
STATIC CHARACTERISTICS
Gate Trigger Current
IGT
VD=12V,
RL=33Ω
5
5
5
5
mA
Latching Current
IL
10
20
10
10
mA
On-State Voltage
VT
VD=12V, IT=
100mA
Gate Trigger Voltage
VGT
Holding Current
IH
IDRM
IRRM
MIN
TYP
MAX
UNIT
15
mA
VD=12V,RL=33Ω; Tj=25°C;Ⅰ,Ⅱ,Ⅲ,Ⅳ
1.5
V
IT=
8.5A
1.65
V
VDRM Rated / VRRM Rated;Tj=25°C
VDRM
Rated / VRRM Rated,Tj=110°C
0.01
0.75
mA
DYNAMIC CHARACTERISTICS
Critical Rate of Rise of off-state
Voltage
dV/dt
VDM=67% VDRM(max), Tj=1
10°C
Exponential waveform,Gate open
circuit
50
V/
µs
Gate Controlled Turn-on Time
tgt
VD=VDRM,
RL=33Ω
2
µs
4Q Triac
/W
VD=12V,
RL=33Ω
IDRM
IRRM


Similar Part No. - BTB06F

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
More results

Similar Description - BTB06F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP832 TOSHIBA-TLP832_07 Datasheet
253Kb / 10P
   Electronic Equipment Such As VCRS And CD Players
TLP831 TOSHIBA-TLP831_07 Datasheet
276Kb / 8P
   Home Electronics Equipment Such As VCRS And CD Players
TLP1037A TOSHIBA-TLP1037A Datasheet
152Kb / 7P
   DOMESTIC ELECTRICAL APPLIANCES SUCH AS VTRS AND CD PLAYERS
logo
Ledil, Inc.
CA10967 LEDIL-CA10967 Datasheet
2Mb / 5P
   Beam for area and street lighting such as parks
logo
Shenzhen Huazhimei Semi...
HM25N120T HMSEMI-HM25N120T Datasheet
548Kb / 8P
   DAXIN?셲 IGBTs offer lower losses and higher energy for application such as motor drive ,UPS, inverter and other soft switching applications.
logo
Toshiba Semiconductor
TLP1032 TOSHIBA-TLP1032 Datasheet
226Kb / 9P
   Domestic electrical appliances such as VTRs and CD players
logo
Shenzhen Huazhimei Semi...
HM4054E HMSEMI-HM4054E Datasheet
676Kb / 6P
   Portable devices such as digital cameras and Mini stereos
HM8563 HMSEMI-HM8563 Datasheet
914Kb / 22P
   OA equipments such as Fax machines
logo
Guangdong Youtai Semico...
HT75XX UMW-HT75XX Datasheet
722Kb / 10P
   Power supply equipment such as batteries
logo
Ledil, Inc.
C11277 LEDIL-C11277 Datasheet
943Kb / 5P
   Beam for area and street lighting such as parks and pedestrian walkways
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com